Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8154 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MSC8154
Description  Quad-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8154 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MSC8154 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
Electrical Characteristics
MSC8154 Quad-Core Digital Signal Processor Data Sheet, Rev. 2
Freescale Semiconductor
33
Note:
Specifications are valid at the recommended operating conditions listed in Table 3.
2.5.3.3
DC-Level Requirements for Serial RapidIO Configurations
This sections provided various DC-level requirements for Serial RapidIO Configurations.
Note:
Specifications are valid at the recommended operating conditions listed in Table 3.
Table 11. PCI Express (2.5 Gbps) Differential Transmitter (Tx) Output DC Specifications
Parameter
Symbol
Min
Typical
Max
Units
Notes
Differential peak-to-peak output voltage
VTX-DIFFp-p
800
1000
1200
mV
1
De-emphasized differential output voltage (ratio)
VTX-DE-RATIO
3.0
3.5
4.0
dB
2
DC differential Tx impedance
ZTX-DIFF-DC
80
100
120
Ω
3
Transmitter DC impedance
ZTX-DC
40
50
60
Ω
4
Notes:
1.
VTX-DIFFp-p = 2 × |VTX-D+ – VTX-D-| Measured at the package pins with a test load of 50 Ω to GND on each pin.
2.
Ratio of the VTX-DIFFp-p of the second and following bits after a transition divided by the VTX-DIFFp-p of the first bit after a
transition. Measured at the package pins with a test load of 50
Ω to GND on each pin.
3.
Tx DC differential mode low impedance
4.
Required Tx D+ as well as D– DC Impedance during all states
Table 12. PCI Express (2.5 Gbps) Differential Receiver (Rx) Input DC Specifications
Parameter
Symbol
Min
Typical
Max
Units
Notes
Differential input peak-to-peak voltage
VRX-DIFFp-p
120
1000
1200
mV
1
DC differential Input Impedance
ZRX-DIFF-DC
80
100
120
Ω
2
DC input impedance
ZRX-DC
40
50
60
Ω
3
Powered down DC input impedance
ZRX-HIGH-IMP-DC
50
—
—
ΚΩ
4
Electrical idle detect threshold
VRX-IDLE-DET-DIFFp-p
65
—
175
mV
5
Notes:
1.
VRX-DIFFp-p = 2 × |VRX-D+ – VRX-D-| Measured at the package pins with a test load of 50 Ω to GND on each pin.
2.
Rx DC differential mode impedance. Impedance during all LTSSM states. When transitioning from a fundamental reset to
detect (the initial state of the LTSSM), there is a 5 ms transition time before the receiver termination values must be met on all
unconfigured lanes of a port.
3.
Required Rx D+ as well as D– DC Impedance (50 ±20% tolerance). Measured at the package pins with a test load of 50
Ω to
GND on each pin. Impedance during all LTSSM states. When transitioning from a fundamental reset to detect (the initial state
of the LTSSM), there is a 5 ms transition time before the receiver termination values must be met on all unconfigured lanes of
a port.
4.
Required Rx D+ as well as D– DC Impedance when the receiver terminations do not have power. The Rx DC common mode
impedance that exists when no power is present or fundamental reset is asserted. This helps ensure that the receiver detect
circuit does not falsely assume a receiver is powered on when it is not. This term must be measured at 300 mV above the Rx
ground.
5.
VRX-IDLE-DET-DIFFp-p = 2 × |VRX-D+ –VRX-D–|. Measured at the package pins of the receiver
Table 13. Serial RapidIO Transmitter DC Specifications
Parameter
Symbol
Min
Typical
Max
Units
Notes
Output voltage
VO
–0.40
—
2.30
V
1
Long run differential output voltage
VDIFFPP
800
—
1600
mVp-p
—
Short run differential output voltage
VDIFFPP
500
—
1000
mVp-p
—
Note:
Voltage relative to COMMON of either signal comprising a differential pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com