Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8156 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MSC8156
Description  Six-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8156 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MSC8156 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC8156 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC8156 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC8156 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC8156 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC8156 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC8156 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8156 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8156 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
MSC8156 Six-Core Digital Signal Processor Data Sheet, Rev. 1
Electrical Characteristics
Freescale Semiconductor
30
2.5.2.3
SerDes Transmitter and Receiver Reference Circuits
Figure 6 shows the reference circuits for SerDes data lane transmitter and receiver.
2.5.3
DC-Level Requirements for SerDes Interfaces
The following subsections define the DC-level requirements for the SerDes reference clocks, the PCI Express data lines, the
Serial RapidIO data lines, and the SGMII data lines.
2.5.3.1
DC-Level Requirements for SerDes Reference Clocks
The DC-level requirement for the SerDes reference clock inputs is different depending on the signaling mode used to connect
the clock driver chip and SerDes reference clock inputs, as described below:
•
Differential Mode
— The input amplitude of the differential clock must be between 400 mV and 1600 mV differential peak-peak (or
between 200 mV and 800 mV differential peak). In other words, each signal wire of the differential pair must have
a single-ended swing of less than 800 mV and greater than 200 mV. This requirement is the same for both external
DC-coupled or AC-coupled connection.
— For an external DC-coupled connection, the maximum average current requirements sets the requirement for
average voltage (common mode voltage) as between 100 mV and 400 mV. Figure 7 shows the SerDes reference
clock input requirement for DC-coupled connection scheme.
Figure 6. SerDes Transmitter and Receiver Reference Circuits
Figure 7. Differential Reference Clock Input DC Requirements (External DC-Coupled)
50
Ω
50
Ω
50
Ω
50
Ω
Transmitter
Receiver
SR[1–2]_TXm
SR[1–2]_RXm
SR[1–2]_TXm
SR[1–2]_RXm
Note: The [1–2] indicates the specific SerDes Interface (1 or 2) and the m indicates the
specific channel within that interface (0,1,2,3). Actual signals are assigned by the
HRCW assignments at reset (see Chapter 5, Reset in the reference manual for details)
SR[1–2]_REF_CLK
SR[1–2]_REF_CLK
Vmax < 800 mV
Vmin > 0V
100 mV < Vcm < 400 mV
200 mV < Input Amplitude or Differential Peak < 800 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com