Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8156 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MSC8156
Description  Six-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8156 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MSC8156 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8156 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8156 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8156 Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8156 Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8156 Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8156 Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC8156 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC8156 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
MSC8156 Six-Core Digital Signal Processor Data Sheet, Rev. 1
Electrical Characteristics
Freescale Semiconductor
36
2.6
AC Timing Characteristics
This section describes the AC timing characteristics for the MSC8156.
2.6.1
DDR SDRAM AC Timing Specifications
This section describes the AC electrical characteristics for the DDR SDRAM interface.
2.6.1.1
DDR SDRAM Input AC Timing Specifications
Table 18 provides the input AC timing specifications for the DDR SDRAM when VDDDDR (typ) = 1.8 V.
Table 19 provides the input AC timing specifications for the DDR SDRAM when VDDDDR (typ) = 1.5 V.
Table 20 provides the input AC timing specifications for the DDR SDRAM interface.
Table 18. DDR2 SDRAM Input AC Timing Specifications for 1.8 V Interface
Parameter
Symbol
Min
Max
Unit
AC input low voltage
VIL
—MVREF – 0.20
V
AC input high voltage
VIH
MVREF + 0.20
—
V
Note:
At recommended operating conditions with VDDDDR of 1.8 ± 5%.
Table 19. DDR3 SDRAM Input AC Timing Specifications for 1.5 V Interface
Parameter
Symbol
Min
Max
Unit
AC input low voltage
VIL
—MVREF – 0.175
V
AC input high voltage
VIH
MVREF + 0.175
—
V
Note:
At recommended operating conditions with VDDDDR of 1.5 ± 5%.
Table 20. DDR SDRAM Input AC Timing Specifications
Parameter
Symbol
Min
Max
Unit
Notes
Controller Skew for MDQS—MDQ/MECC/MDM
• 800 MHz data rate
• 667 MHz data rate
tCISKEW
–200
–240
200
240
ps
ps
1, 2
Tolerated Skew for MDQS—MDQ/MECC/MDM
• 800 MHz data rate
• 667 MHz data rate
tDISKEW
–425
–510
425
510
ps
ps
2, 3
Notes:
1.
tCISKEW represents the total amount of skew consumed by the controller between MDQS[n] and any corresponding bit that is
captured with MDQS[n]. Subtract this value from the total timing budget.
2.
At recommended operating conditions with VDDDDR (1.8 V or 1.5 V) ± 5%
3.
The amount of skew that can be tolerated from MDQS to a corresponding MDQ signal is called tDISKEW.This can be
determined by the following equation: tDISKEW =±(T ÷ 4 – abs(tCISKEW)) where T is the clock period and abs(tCISKEW) is the
absolute value of tCISKEW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com