Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8156 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MSC8156
Description  Six-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8156 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MSC8156 Datasheet HTML 59Page - Freescale Semiconductor, Inc MSC8156 Datasheet HTML 60Page - Freescale Semiconductor, Inc MSC8156 Datasheet HTML 61Page - Freescale Semiconductor, Inc MSC8156 Datasheet HTML 62Page - Freescale Semiconductor, Inc MSC8156 Datasheet HTML 63Page - Freescale Semiconductor, Inc MSC8156 Datasheet HTML 64Page - Freescale Semiconductor, Inc MSC8156 Datasheet HTML 65Page - Freescale Semiconductor, Inc MSC8156 Datasheet HTML 66Page - Freescale Semiconductor, Inc MSC8156 Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
Ordering Information
MSC8156 Six-Core Digital Signal Processor Data Sheet, Rev. 1
Freescale Semiconductor
63
3.6
Guide to Selecting Connections for Remote Power Supply
Sensing
To assure consistency of input power levels, some applications use a practice of connecting the remote sense signal input of an
on-board power supply to one of power supply pins of the IC device. The advantage of using this connection is the ability to
compensate for the slow components of the IR drop caused by resistive supply current path from on-board power supply to the
pins layer on the package. However, because of specific device requirements, not every ball connection can be selected as the
remote sense pin. Some of these pins must be connected to the appropriate power supply or ground to ensure correct device
functionality. Some connections supply critical power to a specific high usage area of the IC die; using such a connection as a
non-supply pin could impact necessary supply current during high current events. The following balls can be used as the board
supply remote sense output without degrading the power and ground supply quality:
•
VDD: W10, T19
•
VSS: J18, Y10
•
M3VDD: None
Do not use any other connections for remote sensing. Use of any other connections for this purpose can result in application and
device failure.
4
Ordering Information
Consult a Freescale Semiconductor sales office or authorized distributor to determine product availability and place an order.
Part
Package Type
Spheres
Core
Voltage
Operating
Temperature
Core
Frequency
(MHz)
Order Number
MSC8156
Flip Chip Plastic Ball Grid Array
(FC-PBGA)
Lead-free
1.0 V
0° C to 105°C
1000
MSC8156SVT1000B
–40° to 105°C
1000
MSC8156TVT1000B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com