Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE42994 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE42994
Description  Low Dropout Fixed Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE42994 Datasheet HTML 5Page - Infineon Technologies AG TLE42994 Datasheet HTML 6Page - Infineon Technologies AG TLE42994 Datasheet HTML 7Page - Infineon Technologies AG TLE42994 Datasheet HTML 8Page - Infineon Technologies AG TLE42994 Datasheet HTML 9Page - Infineon Technologies AG TLE42994 Datasheet HTML 10Page - Infineon Technologies AG TLE42994 Datasheet HTML 11Page - Infineon Technologies AG TLE42994 Datasheet HTML 12Page - Infineon Technologies AG TLE42994 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Data Sheet
9
Rev. 1.1, 2009-05-19
TLE42994
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Absolute Maximum Ratings 1)
-40 °C
≤ Tj ≤ 150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
1) not subject to production test, specified by design
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Input I, Enable Input EN, Sense Input SI
4.1.1
Voltage
V
I, VEN,
V
SI
-40
45
V
–
Output Q, Reset Output RO, Sense Output SO
4.1.2
Voltage
V
Q, VRO,
V
SO
-0.3
7
V
–
Reset Delay D, Reset Threshold RADJ
4.1.3
Voltage
V
D, VRADJ
-0.3
7
V
–
Temperature
4.1.4
Junction Temperature
T
j
-40
150
°C–
4.1.5
Storage Temperature
T
stg
-50
150
°C–
ESD Absorption
4.1.6
ESD Absorption
V
ESD,HBM
-2
2
kV
Human Body
Model (HBM)2)
2) ESD susceptibility Human Body Model “HBM” according to AEC-Q100-002 - JESD22-A114
4.1.7
V
ESD,CDM
-500
500
V
Charge Device
Model (CDM)3)
3) ESD susceptibility Charged Device Model “CDM” according to ESDA STM5.3.1
4.1.8
-750
750
V
Charge Device
Model (CDM)3) at
corner pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com