Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE42994 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE42994
Description  Low Dropout Fixed Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE42994 Datasheet HTML 1Page - Infineon Technologies AG TLE42994 Datasheet HTML 2Page - Infineon Technologies AG TLE42994 Datasheet HTML 3Page - Infineon Technologies AG TLE42994 Datasheet HTML 4Page - Infineon Technologies AG TLE42994 Datasheet HTML 5Page - Infineon Technologies AG TLE42994 Datasheet HTML 6Page - Infineon Technologies AG TLE42994 Datasheet HTML 7Page - Infineon Technologies AG TLE42994 Datasheet HTML 8Page - Infineon Technologies AG TLE42994 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TLE42994
Overview
Data Sheet
2
Rev. 1.1, 2009-05-19
the external delay capacitor. The additional sense comparator provides an early warning function: Any voltage
(e.g. the input voltage) can be monitored, an under-voltage condition is indicated by setting the comparator’s
output to low. The TLE42994GM (PG-DSO-14 package) and TLE42994E (PG-SSOP-14 package) include
additionally an Enable function permitting enabling/disabling the regulator. In case the regulator is disabled it
consumes less current than 1 µA.
Dimensioning Information on External Components
The input capacitor CI is recommended for compensation of line influences. The output capacitor CQ is necessary
for the stability of the control loop.
Circuit Description
The control amplifier compares a reference voltage to a voltage that is proportional to the output voltage and drives
the base of the series transistor via a buffer. Saturation control as a function of the load current prevents any
oversaturation of the power element. The component also has a number of internal circuits for protection against:
•
Overload
•
Overtemperature
•
Reverse polarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com