Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE42994 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE42994
Description  Low Dropout Fixed Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE42994 Datasheet HTML 17Page - Infineon Technologies AG TLE42994 Datasheet HTML 18Page - Infineon Technologies AG TLE42994 Datasheet HTML 19Page - Infineon Technologies AG TLE42994 Datasheet HTML 20Page - Infineon Technologies AG TLE42994 Datasheet HTML 21Page - Infineon Technologies AG TLE42994 Datasheet HTML 22Page - Infineon Technologies AG TLE42994 Datasheet HTML 23Page - Infineon Technologies AG TLE42994 Datasheet HTML 24Page - Infineon Technologies AG TLE42994 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Data Sheet
21
Rev. 1.1, 2009-05-19
TLE42994
Block Description and Electrical Characteristics
Figure 8
Timing Diagram Reset
V
I
t
V
Q
t
V
RT
V
RO
T i mi ng Di agram_Rese t.vs
t
V
RO,low
1 V
1V
t
rr,total
t
rd
Thermal
Shutdown
Input
Voltage Dip
t
rr,total
t
rd
t
rd
t < t
rr,total
t
rd
Under-
voltage
Spike at
output
Over-
load
t
rr,total
V
DRL
V
DU
t
V
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com