Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCREF0 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ADCREF0
Description  32-Bit AVR UC3 C Series Schematic Checklist
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ADCREF0 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ADCREF0 Datasheet HTML 8Page - ATMEL Corporation ADCREF0 Datasheet HTML 9Page - ATMEL Corporation ADCREF0 Datasheet HTML 10Page - ATMEL Corporation ADCREF0 Datasheet HTML 11Page - ATMEL Corporation ADCREF0 Datasheet HTML 12Page - ATMEL Corporation ADCREF0 Datasheet HTML 13Page - ATMEL Corporation ADCREF0 Datasheet HTML 14Page - ATMEL Corporation ADCREF0 Datasheet HTML 15Page - ATMEL Corporation ADCREF0 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
12
AVR32768
32157A-AVR-12/10
8 Digital-to-analog converter
The digital-to-analog converter (DAC) can use either an internal or external voltage
reference. When using an internal voltage reference, DACREF can be GPIO
multiplexed to another function or connected to an internal pull-up.
8.1 DAC connection
Figure 8-1.
DAC connection considerations.
DACREF
DAC0B
DAC0A
1 kΩ
1 kΩ
DC/DC
converter
1.1 to VDDANA-0.3 V
Table 8-1.
Digital-to-analog converter checklist.
Signal name
Recommended pin connection
Description
DACREF
Reference voltage range:
1.1V – (VDDANA-0.3V)
External voltage reference
DAC0A
Minimum load impedance: 1kΩ
Maximum load capacitance: 100pF
Channel A analog output
DAC0B
Minimum load impedance: 1kΩ
Maximum load capacitance: 100pF
Channel B analog output
1.1V to VDDANA-0.3V
Power Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com