Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCREF0 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ADCREF0
Description  32-Bit AVR UC3 C Series Schematic Checklist
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ADCREF0 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ADCREF0 Datasheet HTML 16Page - ATMEL Corporation ADCREF0 Datasheet HTML 17Page - ATMEL Corporation ADCREF0 Datasheet HTML 18Page - ATMEL Corporation ADCREF0 Datasheet HTML 19Page - ATMEL Corporation ADCREF0 Datasheet HTML 20Page - ATMEL Corporation ADCREF0 Datasheet HTML 21Page - ATMEL Corporation ADCREF0 Datasheet HTML 22Page - ATMEL Corporation ADCREF0 Datasheet HTML 23Page - ATMEL Corporation ADCREF0 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
20
AVR32768
32157A-AVR-12/10
11.2 SDRAM
11.2.1 16-bit SDRAM
Table 11-4.
16-bit SDRAM pin wiring.
GPIO line name
16-bit SDRAM
EBI-D[0:15]
DQ[0:15]
EBI-A[2:11]
A[0:9]
EBI-SDA10
A[10]
EBI-A[13:14]
A[11:12]
EBI-A[16] (BA0)
BA0
EBI-A[17] (BA1)
BA1
EBI-SDCK
CLK
EBI-SDCKE
CKE
EBI-SDWE
WE
EBI-RAS
RAS
EBI-CAS
CAS
EBI-A[0] (NBS0)
DQML
EBI-NWE1 (NBS1)
DQMH
EBI-NCS[1] (SDCS)
CS
11.2.2 2 x 8-bit SDRAM
Table 11-5.
2 x 8-bit SDRAM pin wiring.
GPIO line name
8-bit SDRAM
8-bit SDRAM
EBI-D[0:7]
DQ[0:7]
EBI-D[7:15]
DQ[0:7]
EBI-A[2:11]
A[0:9]
A[0:9]
EBI-SDA10
A[10]
A[10]
EBI-A[13:14]
A[11:12]
A[11:12]
EBI-A[16] (BA0)
BA0
BA0
EBI-A[17] (BA1)
BA1
BA1
EBI-SDCK
CLK
CLK
EBI-SDCKE
CKE
CKE
EBI-SDWE
WE
WE
EBI-RAS
RAS
RAS
EBI-CAS
CAS
CAS
EBI-A[0] (NBS0)
DQM
EBI-NWE1 (NBS1)
DQM
EBI-NCS[1] (SDCS)
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com