Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCREF0 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ADCREF0
Description  32-Bit AVR UC3 C Series Schematic Checklist
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ADCREF0 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ADCREF0 Datasheet HTML 9Page - ATMEL Corporation ADCREF0 Datasheet HTML 10Page - ATMEL Corporation ADCREF0 Datasheet HTML 11Page - ATMEL Corporation ADCREF0 Datasheet HTML 12Page - ATMEL Corporation ADCREF0 Datasheet HTML 13Page - ATMEL Corporation ADCREF0 Datasheet HTML 14Page - ATMEL Corporation ADCREF0 Datasheet HTML 15Page - ATMEL Corporation ADCREF0 Datasheet HTML 16Page - ATMEL Corporation ADCREF0 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
AVR32768
13
32157A-AVR-12/10
9 USB connection
9.1 Not used
When the USB interface is not used, DM, DP and VBUS should be connected to
ground.
9.2 Device mode, bus-powered connection
Figure 9-1.
USB in device mode, bus-powered connection example schematic.
USB_VBOF
VBUS
DM
DP
USB_ID
VBUS
D-
D+
ID
GND
3.3 volt
regulator
VDD
39 Ω
39 Ω
Table 9-1.
USB bus-powered connection checklist.
Signal name
Recommended pin connection
Description
USB_VBOF
Can be left unconnected
USB power control pin
VBUS
Directly to connector
USB power pin
DM
39Ω series resistor
Placed as close as possible to DM
pin
Negative differential data line
DP
39Ω series resistor
Placed as close as possible to DP
pin
Positive differential data line
USB_ID
Can be used as GPIO if not used
USB connector identification pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com