Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA1245 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA1245
Description  AM Electronic Tuner
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1245 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA1245 Datasheet HTML 1Page - Sanyo Semicon Device LA1245 Datasheet HTML 2Page - Sanyo Semicon Device LA1245 Datasheet HTML 3Page - Sanyo Semicon Device LA1245 Datasheet HTML 4Page - Sanyo Semicon Device LA1245 Datasheet HTML 5Page - Sanyo Semicon Device LA1245 Datasheet HTML 6Page - Sanyo Semicon Device LA1245 Datasheet HTML 7Page - Sanyo Semicon Device LA1245 Datasheet HTML 8Page - Sanyo Semicon Device LA1245 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Specifications
Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCCmax
Pin 8, 14
16
V
Output voltage
Vo
Pin 5, 7
24
V
Input voltage
VI
Pin 3
5.6
V
Supply current
ICCmax
Pin 5+7+8+14
32
mA
Output high drive current
I18
Pin 18
5
mA
I20
Pin 20
2
mA
Allowable power dissipation
Pd max
See Figure 2
700
mA
Operating temperature
Topr
–20 to +70
°C
Storage temperature
Tstg
–40 to +125
°C
Recommended Operating Conditions at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
12
V
Operating Characteristics at Ta=25°C, VCC=12V, fr=1MHz, fm=400Hz, at specified test circuit
(based on application circuit).
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Current drain
ICC1
quiescent
16.0
25.0
35.0
mA
ICC2
107 dBµ input
19.0
29.0
40.0
mA
Detection output
Vo1
23 dBµ input, mod. 30%
–27.5
–23.0
–18.5
dBm
Vo2
80 dBµ input, mod. 30%
–15.5
–12.5
–9.5
dBm
Signal to noise ratio
S/N1
23 dBµ input, mod. 30%
16
20
dB
S/N2
80 dBµ input, mod. 30%
52
57
dB
Total harmonic distortion
THD1
80 dBµ input, mod. 30%
0.4
1.0
%
THD2
107 dBµ input, mod. 30%
0.3
1.0
%
Signal meter output
VSM1
quiescent
0
0.5
V
VSM3
107 dBµ input
3.0
4.5
7.0
V
Input at signal meter output=1V
VIN1
VSM output=1V
19.0
25.0
31.0
dBµ
Local oscillation-buffer output
Vosc
250
350
mVrms
Reference Characteristics
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Signal meter output
VSM2
40 dBµ input
2.5
V
Total harmonic distortion
THD3
112 dBµ input, mod.30%
2
%
Local oscillation fluctuation
∆Vosc
VoscL (522kHz) to VoscH
10
mVrms
within a band
(1647kHz)
Signal meter band width*
VSM-BW1
80 dBµ input, 1/2 output frequency
±1.5
kHz
VSM-BW2
80 dBµ input, 1/10 output frequency
–4.5/+7
kHz
Selectivity
±10kHz at 30% mod.
45
dB
IF interference
fr=600kHz
85
dB
Image frequency interference
fr=1400kHz
40
dB
ratio
* BFB450C4 N (Murata, Co.,) was used as a narrow band filter.
(Note) 0 dBm=775mV, 0 dBu=1µV.
LA1245
No.737-2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com