Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA1245 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA1245
Description  AM Electronic Tuner
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1245 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA1245 Datasheet HTML 1Page - Sanyo Semicon Device LA1245 Datasheet HTML 2Page - Sanyo Semicon Device LA1245 Datasheet HTML 3Page - Sanyo Semicon Device LA1245 Datasheet HTML 4Page - Sanyo Semicon Device LA1245 Datasheet HTML 5Page - Sanyo Semicon Device LA1245 Datasheet HTML 6Page - Sanyo Semicon Device LA1245 Datasheet HTML 7Page - Sanyo Semicon Device LA1245 Datasheet HTML 8Page - Sanyo Semicon Device LA1245 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LA1245
No.737-4/11
Notes on LA1245 usage
1. When suddenly tuned to a broadcasting station of intermediate or high field strength, a large current of high frequency
flows into the signal meter circuit, causing the local oscillator malfunctions and abnormal noises.
To eliminate this :
· Use R208≥240Ω for manual tuning type.
· Use R208≥82Ω, and use the local oscillation coil at the 1/3 tap (except SW) for electronic tuning type (which uses a
narrow band filter).
2. Use the bias on the condition RF VCC≤IF VCC, since abnormal noise levels might be caused when detuning a strong
input on the codition RF VCC>IF VCC.
3. Use the signal meter driving output (VSM) at VSM≤VCC–2 (V) to avoid saturation caused by VCC.
4. Use 1/2 or more tap of LW and MW oscillation coil to improve S/N and the detuning characteristics of the distortion
ratio.
5. Use the full-tap of SW oscillation coil, to allow the sag in oscillation power by the decreasing of Q.
6. Avoid the coupling of the antenna tuning circuit and the local oscillating circuit so as not to leak the local oscillation
into the antenna tuning circuit.
7. Connect the detection capacitor C113 between pin 13 (output) and pin 14 (VCC) to avoid the leakage of the IF signal
into the GND line. Connection between pin 13 and pin 12 (GND) increases the tweet interference and deteriorates the
usable sensitivity.
Moreover, depending on the positions of C113 and the bar antenna, higher harmonics having twice or three times the
frequency of the IF signal may pass into the antenna and cause tweet interference, and in extreme cases oscillation
might be cause. To prevent this :
· Shorter lead wires and connect them near 13 and 14 pins.
· Place C113 far from the antenna.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com