Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA1245 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA1245
Description  AM Electronic Tuner
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1245 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA1245 Datasheet HTML 1Page - Sanyo Semicon Device LA1245 Datasheet HTML 2Page - Sanyo Semicon Device LA1245 Datasheet HTML 3Page - Sanyo Semicon Device LA1245 Datasheet HTML 4Page - Sanyo Semicon Device LA1245 Datasheet HTML 5Page - Sanyo Semicon Device LA1245 Datasheet HTML 6Page - Sanyo Semicon Device LA1245 Datasheet HTML 7Page - Sanyo Semicon Device LA1245 Datasheet HTML 8Page - Sanyo Semicon Device LA1245 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LA1245
No.737-3/11
Using the automatic search-stop signal
Signal Meter-driving output circuit is equivalent to Figure. 1, signal meter driving output (abbreviated as VSM) is
narrowed in band width and can be used as an automatic search-stop signal when a narrow band series resonator is
connected to pin 15. VSM can be adjusted with R208 and R211 both in wide band and narrow band since R208 is
inversely proportional to VSM, while R211 is proportional to VSM. R208 is related to the Q of narrow band signal
meter. When the resistance of R208 is increased, the Q will be damped and the band width increased. On the other
hand, R211 used as the output impeadance of VSM and affects the cut-off frequency and time constant of low pass
filter for VSM and the meter drive impedance. The time constant τ and the cut-off frequency fc can be expressed as
follows :
τ = (C
114+C115+CS) (R211//R
in)
fc = 2πτ
1
A semi-fixed resistor is recommended to be used as R211 to cope with the fluctuation of VSM. Refer to Figure. 3 for
the value of the semi-fixed resistor since this depends upon VSM and R208. Figure. 3 shows the lowest limit of the
semi-fixed resistor in relation to R208 with the parameter of VSM set point, and the value of the semi-fixed resistor
will be equal to or greater than that shown in Figure. 3. For example, when VSM=5V and R208=240Ω, R211 becomes
28k
Ω. Thus, the value of the semi-fixed resistor is determined to be about 30kΩ. When the value of V
SM is too large,
it is limited and saturated to the source voltage so it is recommended to follow the condition of VSM≤VCC–2(V).
When a narrow band serial resonator is used, include the resonant impedance to determine the value of R208.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com