Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T201V Datasheet(PDF) 18 Page - STMicroelectronics

Part # M48T201V
Description  5.0 or 3.3 V TIMEKEEPER® supervisor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201V Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M48T201V Datasheet HTML 14Page - STMicroelectronics M48T201V Datasheet HTML 15Page - STMicroelectronics M48T201V Datasheet HTML 16Page - STMicroelectronics M48T201V Datasheet HTML 17Page - STMicroelectronics M48T201V Datasheet HTML 18Page - STMicroelectronics M48T201V Datasheet HTML 19Page - STMicroelectronics M48T201V Datasheet HTML 20Page - STMicroelectronics M48T201V Datasheet HTML 21Page - STMicroelectronics M48T201V Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Clock operation
M48T201Y, M48T201V
18/37
Note:
It is not necessary to set the WRITE bit when setting or resetting the FREQUENCY TEST
bit (FT) or the STOP bit (ST).
Table 5.
TIMEKEEPER® register map
Keys:
S = Sign bit
FT = Frequency test bit
R = READ bit
W = WRITE bit
ST = Stop bit
0 = Must be set to '0'
WDS = Watchdog steering bit
AF = Alarm flag
BL = Battery low flag
SQWE = Square wave enable bit
BMB0-BMB4 = Watchdog multiplier bits
RB0-RB1 = Watchdog resolution bits
AFE = Alarm flag enable flag
ABE = Alarm in battery backup mode enable bit
RPT1-RPT5 = Alarm repeat mode bits
WDF = Watchdog flag
RS0-RS3 = SQW frequency
Address
Data
Function/range
BCD format
D7
D6
D5
D4
D3
D2
D1
D0
7FFFFh
10 years
Year
Year
00-99
7FFFEh
0
0
0
10 M
Month
Month
01-12
7FFFDh
0
0
10 date
Date: Day of month
Date
01-31
7FFFCh
0
FT
0
0
0
Day
Day
01-07
7FFFBh
0
0
10 hours
Hours (24-hour format)
Hours
00-23
7FFFAh
0
10 minutes
Minutes
Minutes
00-59
7FFF9h
ST
10 seconds
Seconds
Seconds
00-59
7FFF8h
W
R
S
Calibration
Control
7FFF7h
WDS
BMB4
BMB3
BMB2
BMB1
BMB0
RB1
RB0
Watchdog
7FFF6h
AFE
SQWE
ABE
Al.10M
Alarm month
Al. month
01-12
7FFF5h
RPT4
RPT5
Al. 10 date
Alarm date
Al. date
01-31
7FFF4h
RPT3
0
Al. 10 hours
Alarm hours
Al. hours
00-23
7FFF3h
RPT2
Alarm 10 minutes
Alarm minutes
Al. minutes
00-59
7FFF2h
RPT1
Alarm 10 seconds
Alarm seconds
Al. seconds
00-59
7FFF1h
1000 years
100 years
Century
00-99
7FFF0h
WDF
AF
0
BL
RS3
RS2
RS1
RS0
Flags



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com