Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T201V Datasheet(PDF) 36 Page - STMicroelectronics

Part # M48T201V
Description  5.0 or 3.3 V TIMEKEEPER® supervisor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201V Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M48T201V Datasheet HTML 29Page - STMicroelectronics M48T201V Datasheet HTML 30Page - STMicroelectronics M48T201V Datasheet HTML 31Page - STMicroelectronics M48T201V Datasheet HTML 32Page - STMicroelectronics M48T201V Datasheet HTML 33Page - STMicroelectronics M48T201V Datasheet HTML 34Page - STMicroelectronics M48T201V Datasheet HTML 35Page - STMicroelectronics M48T201V Datasheet HTML 36Page - STMicroelectronics M48T201V Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
Revision history
M48T201Y, M48T201V
36/37
9
Revision history
Table 20.
Document revision history
Date
Revision
Changes
Nov-1999
1
First issue
10-May-2001
2
Reformatted; added industrial temperature (Table 10, 13, 3, 4, 14)
14-May-2001
2.1
Corrected table footnote (Table 14)
30-May-2001
2.2
Change “controller” references to “supervisor”
01-Aug-2001
2.3
Formatting changes from recent document review findings; E2
added to hookup (Figure 3)
08-Aug-2001
2.4
Improve text in “Setting the alarm clock” section
18-Dec-2001
2.5
Added IBAT values for industrial temperature device (Table 13)
13-May-2002
2.6
Modify reflow time and temperature footnote (Table 10)
16-Jul-2002
2.7
Update DC characteristics, footnotes (Table 13)
27-Mar-2003
3
v2.2 template applied; update test condition (Table 13)
24-Sep-2004
4
Reformatted, remove industrial temperature (ambient operating)
references (Table 3, 4, 8, 10, 13, 14, 18)
12-Sep-2007
5
Reformatted; added lead-free second level interconnect information
to cover page and Section 6: Package mechanical data; updated
Table 10.
22-Apr-2008
6
Updated shipping method in Table 18.
23-Mar-2009
7
Updated Table 10, text in Section 6: Package mechanical data;
added Section 8: Environmental information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com