Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T201V Datasheet(PDF) 21 Page - STMicroelectronics

Part # M48T201V
Description  5.0 or 3.3 V TIMEKEEPER® supervisor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T201V Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M48T201V Datasheet HTML 17Page - STMicroelectronics M48T201V Datasheet HTML 18Page - STMicroelectronics M48T201V Datasheet HTML 19Page - STMicroelectronics M48T201V Datasheet HTML 20Page - STMicroelectronics M48T201V Datasheet HTML 21Page - STMicroelectronics M48T201V Datasheet HTML 22Page - STMicroelectronics M48T201V Datasheet HTML 23Page - STMicroelectronics M48T201V Datasheet HTML 24Page - STMicroelectronics M48T201V Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
M48T201Y, M48T201V
Clock operation
21/37
In order to perform a software reset of the watchdog timer, the original timeout period can be
written into the watchdog register, effectively restarting the countdown cycle.
Should the watchdog timer time out, and the WDS bit is programmed to output an interrupt,
a value of 00h needs to be written to the watchdog register in order to clear the IRQ/FT pin.
This will also disable the watchdog function until it is again programmed correctly. A READ
of the flags register will reset the watchdog flag (bit D7; register 7FFF0h).
The watchdog function is automatically disabled upon power-down and the watchdog
register is cleared. If the watchdog function is set to output to the IRQ/FT pin and the
frequency test function is activated, the watchdog or alarm function prevails and the
frequency test function is denied.
Note:
The user must transition the address (or toggle chip enable) to see the flag bit change.
3.7
Square wave output
The M48T201Y/V offers the user a programmable square wave function which is output on
the SQW pin. RS3-RS0 bits located in 7FFF0h establish the square wave output frequency.
These frequencies are listed in Table 7. Once the selection of the SQW frequency has been
completed, the SQW pin can be turned on and off under software control with the square
wave enable bit (SQWE) located in register 7FFF6h.
Table 7.
Square wave output frequency
Square wave bits
Square wave
RS3RS2
RS1RS0
Frequency
Units
000
0
Hi-Z
-
0
0
0
1
32.768
kHz
001
0
8.192
kHz
001
1
4.096
kHz
010
0
2.048
kHz
010
1
1.024
kHz
011
0
512
Hz
011
1
256
Hz
100
0
128
Hz
100
1
64
Hz
101
0
32
Hz
101
1
16
Hz
110
0
8
Hz
110
1
4
Hz
111
0
2
Hz
111
1
1
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com