Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMCE-1528 Datasheet(PDF) 11 Page - Interpoint Corporation Company

Part # FMCE-1528
Description  Attenuation to 70 dB at 500 kHz, typical Transient rating -0.5 to 80 V for 1 second
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMCE-1528 Datasheet(HTML) 11 Page - Interpoint Corporation Company

Back Button FMCE-1528 Datasheet HTML 5Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 6Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 7Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 8Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 9Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 10Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 11Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 12Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 13Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
0.250 (6.35) Typ.
0.125
(3.18)
0.375
(9.53)
0.575
(14.61)
0.775
(19.69)
0.975
(24.77)
1.175
(29.85
1.375
(34.93)
1.625
(41.28)
0.140 dia
(3.56)
0.000
0.250 (6.35)
Typ.
1.750 (44.45)
2.000
(50.80)
TOP VIEW CASE Z*
Tabbed case, down-leaded
*Designator “Z” required in Case Option position of model number.
0.000
0.220 (5.59)
0.400 (10.16) max.
0.36 ±0.05
(9.1±0.13)
0.150 (3.81)
Lead Detail
2.80 (71.1) Reference
(lead center to lead center)
0.040 dia
(1.02)
1
2
3
4
5
6
12
11
10
9
8
7
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage
the device. Solder pins individually with heat
application not exceeding 300°C for 10 seconds per pin.
Materials
Header
Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold, compresssion glass seal
Seal Hole: 0.120 ±0.002 (3.05 ±0.05)
Case Z, Rev E, 20100413
Please refer to the numerical dimensions for accuracy. All information is believed to
be accurate, but no responsibility is assumed for errors or omissions. Interpoint
reserves the right to make changes in products or specifications without notice.
Copyright © 1999-2010 Interpoint Corp. All rights reserved.
Seam Seal
FIguRe 13: case z
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 11 of 13
FMce-1528 eMi input Filters – cases
28 Volt input – 15 aMp
FMCE-1528 Rev E - 20100615



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com