Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMCE-1528 Datasheet(PDF) 13 Page - Interpoint Corporation Company

Part # FMCE-1528
Description  Attenuation to 70 dB at 500 kHz, typical Transient rating -0.5 to 80 V for 1 second
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMCE-1528 Datasheet(HTML) 13 Page - Interpoint Corporation Company

Back Button FMCE-1528 Datasheet HTML 5Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 6Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 7Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 8Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 9Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 10Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 11Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 12Page - Interpoint Corporation Company FMCE-1528 Datasheet HTML 13Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
STANDARD AND /ES (NON-QML) AND /883 (CLASS H, QML)
PRODUCT ENVIRONMENTAL SCREENING
test perFOrmed
125°C standard
nOn-Qml1
125°C /es
nOn-Qml1
/883
Class h Qml
Pre-cap Inspection
Method 2017, 2032
yes
yes
yes
Temperature Cycle (10 times)
Method 1010, Cond. C, -65°C to 150°C, ambient
Method 1010, Cond. B, -55°C to 125°C, ambient
no
no
no
yes
yes
no
Constant Acceleration
Method 2001, 3000 g
Method 2001, 500 g
no
no
no
yes
yes
no
Burn-in 2
Method 1015, 125°C case, typical
96 hours
160 hours
no
no
yes
no
no
yes
Final Electrical Test MIL-PRF-38534, Group A
Subgroups 1 through 6: -55°C, +25°C, +125°C case
Subgroups 1 and 4: +25°C case
no
yes
no
yes
yes
no
Hermeticity Test
Fine Leak, Method 1014, Cond. A
Gross Leak, Method 1014, Cond. C
Gross Leak, Dip (1 x 10-3)
no
no
yes
yes
yes
no
yes
yes
no
Final visual inspection
Method 2009
yes
yes
yes
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.
Notes:
1. Standard and /ES, non-QML products, do not meet all of the requirements of MIL-PRF-38534.
2. Burn-in temperature designed to bring the case temperature to +125°C
scReenIng table 2: envIROnMental scReenIng
Crane Aerospace & Electronics Power Solutions
FMCE-1528 EMI Input Filters FMCE-1528 Rev E - 20100615. This revision supersedes all previous releases. All technical information is believed
to be accurate, but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make changes in products or specifications
without notice. FMCE-1528 Series EMI Filters are a trademark of Interpoint. Copyright © 1999 - 2010 Interpoint Corporation. All rights reserved.
www.interpoint.com
Page 13 of 13
FMce-1528 eMi input Filters
28 Volt input – 15 aMp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com