Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL2812S Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # MFL2812S
Description  Parallel operation with current share, 16 to 40 VDC input
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFL2812S Datasheet(HTML) 2 Page - Interpoint Corporation Company

  MFL2812S Datasheet HTML 1Page - Interpoint Corporation Company MFL2812S Datasheet HTML 2Page - Interpoint Corporation Company MFL2812S Datasheet HTML 3Page - Interpoint Corporation Company MFL2812S Datasheet HTML 4Page - Interpoint Corporation Company MFL2812S Datasheet HTML 5Page - Interpoint Corporation Company MFL2812S Datasheet HTML 6Page - Interpoint Corporation Company MFL2812S Datasheet HTML 7Page - Interpoint Corporation Company MFL2812S Datasheet HTML 8Page - Interpoint Corporation Company MFL2812S Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Operating COnditiOns and CharaCteristiCs
input Voltage range
16 to 40 VDC continuous
•
50 V for 120 msec transient
•
output power
50 to 65 watts depending on model
•
Lead soldering temperature (10 sec per lead)
300°C
•
storage temperature range (case)
-65°C to +150°C
•
case operating temperature (tc)
-55°C to +125°C full power
•
-55°C to +100°C full power (MFL283R3S)
•
• -55°Cto+135°Cabsolute
•
derate output power/current
Linearly from 100% at 125°C to 0% at 135°C
•
MFL283R3S: linearly from 100% at 100°C
•
to 85% at 125°C to 0% at 135°C
output Voltage temperature coefficient
100 ppm/°C typical
•
input to output capacitance
150 pF, typical
•
current Limit
125% of full load typical
•
isolation
100 megohm minimum at 500 V
•
audio rejection
50 dB typical
•
conversion Frequency (-55°c to 125°c)
Free run mode 600 kHz typical
•
525 kHz. min, 675 kHz max
meChaniCal and envirOnmental
size (maximum)
3.005 x 1.505 x 0.400 inches (76.33 x 38.23 x 10.16 mm)
•
See figure 17, case U, for dimensions.
•
Weight (maximum)
86 grams
•
screening
Standard, ES, or /883 (Class H, QML). See Screening Tables
•
1 and 2 for more information.
synC and inhibit (inh1, inh2)
sync
Sync In
•
Input frequency 525 to 675 Hz.
‣
Duty cycle 40% min, 60% max
‣
Logic low 0.8 V max
‣
Logic high 4.5 V min, 5 V max
‣
Referenced to input common
‣
Sync Out
•
Referenced to input common
‣
inhibit (inH1, inH2)
Active low (output disabled)
•
INH1 referenced to input common
‣
Active low 0.8 V max
-
Inhibit pin current 10 mA max
-
INH2 referenced to output common
‣
Active low 0.5 V max
-
Inhibit pin current 5 mA max
-
Active high (output enabled)
•
Open collector (output enabled)
‣
Avoid intermediate voltages of 1.5 to 10.5
‣
Open pin voltage
‣
INH1 = 9 to 12 V
-
INH2 = 9 V max
-
Crane Aerospace & Electronics Power Solutions
MFL single and dual dc/dc converters
28 VoLt input – 65 Watt
www.craneae.com/interpoint
Page 2 of 13
MFL Rev E - 20101026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com