Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL2812S Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # MFL2812S
Description  Parallel operation with current share, 16 to 40 VDC input
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFL2812S Datasheet(HTML) 7 Page - Interpoint Corporation Company

Back Button MFL2812S Datasheet HTML 3Page - Interpoint Corporation Company MFL2812S Datasheet HTML 4Page - Interpoint Corporation Company MFL2812S Datasheet HTML 5Page - Interpoint Corporation Company MFL2812S Datasheet HTML 6Page - Interpoint Corporation Company MFL2812S Datasheet HTML 7Page - Interpoint Corporation Company MFL2812S Datasheet HTML 8Page - Interpoint Corporation Company MFL2812S Datasheet HTML 9Page - Interpoint Corporation Company MFL2812S Datasheet HTML 10Page - Interpoint Corporation Company MFL2812S Datasheet HTML 11Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Electrical Characteristics: –55°C to +125° C TC, 28 VDC VIN, 100% load, free run, unless otherwise specified.
Notes
1. Guaranteed by design, not tested.
2. Unit will shut down above approximately 45V but will be undam-
aged and will restart when voltage drops into normal range.
3. Recovery time is measured from application of the transient to the
point at which Vout is within 1% of final value.
4. Transition time 100 µs ±20%.
5. Tested on release from inhibit.
6. Shall not compromise DC performance.
SINGLE OUTPUT MODELS
MFL2815S
MFL2828S
units
Parameter
cOnDitiOns
MIN
TYP
MAX
MIN
TYP
MAX
OutPut VOltage
14.55 15.00 15.45 27.16 28.00 28.84
VDc
OutPut current
Vin = 16 tO 40 VDc
0
—
4.33
0
—
2.32
a
OutPut POWer
Vin= 16 tO 40 VDc
0
—
65
0
—
65
W
OutPut riPPle
10 khz - 2 mhz
tc = 25°c
—
30
85
—
100
200
mV p-p
tc = -55°c tO +125°c
—
45
110
—
—
275
line regulatiOn
Vin = 16 tO 40 VDc
—
0
20
—
20
60
mV
lOaD regulatiOn
nO lOaD tO Full
—
0
20
—
20
75
mV
inPut VOltage
nO lOaD tO Full
cOntinuOus
16
28
40
16
28
40
VDc
TRANSIENT 120 msec.1, 2
—
—
50
—
—
50
V
inPut current
nO lOaD
—
50
100
—
60
100
mA
inhibiteD–inh1
—
9
14
—
9
14
inhibiteD–inh2
—
35
70
—
35
70
inPut riPPle
current
10 khz - 10 mhz
—
15
50
—
20
50
mA p-p
eFFiciency
tc = 25°c
84
87
—
83
86
—
%
tc = -55°c tO +125°c
82
—
—
81
—
—
lOaD Fault
POWer DissiPatiOn
shOrt circuit
tc = 25°c
—
10
16
—
7
14
W
recOVery 1
—
1.5
4
—
1.0
4
ms
steP lOaD
resPOnse
50% - 100% - 50%
transient
—
500
600
—
800
1400
mV pk
recOVery 1, 3
—
1.5
3.0
—
1.5
3.0
ms
steP line
resPOnse 1
16 - 40 -16 VDc
transient 4
—
250
500
—
250
800
mV pk
recOVery 3
—
200
300
—
200
400
µs
start-uP 5
Delay
—
3.5
6
—
3.5
6
ms
OVershOOt 1
—
0
50
—
0
100
mV pk
caPacitiVe lOaD 1, 6
tc = 25°c
—
—
1000
—
—
1000
µF
Crane Aerospace & Electronics Power Solutions
MFL single and dual dc/dc converters
28 VoLt input – 65 Watt
www.craneae.com/interpoint
Page 7 of 13
MFL Rev E - 20101026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com