Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL2812S Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # MFL2812S
Description  Parallel operation with current share, 16 to 40 VDC input
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MFL2812S Datasheet(HTML) 5 Page - Interpoint Corporation Company

  MFL2812S Datasheet HTML 1Page - Interpoint Corporation Company MFL2812S Datasheet HTML 2Page - Interpoint Corporation Company MFL2812S Datasheet HTML 3Page - Interpoint Corporation Company MFL2812S Datasheet HTML 4Page - Interpoint Corporation Company MFL2812S Datasheet HTML 5Page - Interpoint Corporation Company MFL2812S Datasheet HTML 6Page - Interpoint Corporation Company MFL2812S Datasheet HTML 7Page - Interpoint Corporation Company MFL2812S Datasheet HTML 8Page - Interpoint Corporation Company MFL2812S Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ModeL nuMberinG key
MFL 55 05 S / ES
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
(Standard screening has no designator
in this position.)
sMd nuMbers
STANDARD
MICROCIRCUIT
DRAWING (SMD)
5962-0621301HXC
5962-9316301HXC
5962-9316201HXC
5962-9316101HXC
5962-9319101HXC
5962-9319201HXC
5962-9319301HXC
MFL SERIES
SIMILAR PART
MFL283R3S/883
MFL2805S/883
MFL2812S/883
MFL2815S/883
MFL2805D/883
MFL2812D/883
MFL2815D/883
For exact specifications for an SMD product, refer to
the SMD drawing. SMDs can be downloaded from:
http://www.dscc.dla.mil/programs/smcr
ModeL seLection
On the lines belOw, enter One selectiOn frOm each categOry tO determine the mOdel
number
.
cateGory
MFL28
/
Base Model and
Input Voltage
Output Voltage 1
Number of Outputs 2
Screening 3
3r3, 05, 12, 15
s
(STANDARD leave blank)
seLection MFL28 is the only
available option
05, 12, 15
d
es
883
Notes:
1. Output Voltage: An R indicates a decimal point. 3R3 is 3.3 volts out.
2. Number of Outputs: S is a single output and D is a dual output
3. Screening: For standard screening leave the screening option blank. For other screening options, insert the desired screening level. For
more information see Screening Tables 1 and 2
Crane Aerospace & Electronics Power Solutions
MFL single and dual dc/dc converters
28 VoLt input – 65 Watt
www.craneae.com/interpoint
Page 5 of 13
MFL Rev E - 20101026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com