Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3DV520QTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST3DV520QTR
Description  High bandwidth analog switch with 16-to-8 bit MUX/DEMUX
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3DV520QTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST3DV520QTR Datasheet HTML 2Page - STMicroelectronics ST3DV520QTR Datasheet HTML 3Page - STMicroelectronics ST3DV520QTR Datasheet HTML 4Page - STMicroelectronics ST3DV520QTR Datasheet HTML 5Page - STMicroelectronics ST3DV520QTR Datasheet HTML 6Page - STMicroelectronics ST3DV520QTR Datasheet HTML 7Page - STMicroelectronics ST3DV520QTR Datasheet HTML 8Page - STMicroelectronics ST3DV520QTR Datasheet HTML 9Page - STMicroelectronics ST3DV520QTR Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Maximum rating
ST3DV520
6/10
Note 4: x = A to H, x0 = A0 to H0, x1 = A1 to H1.
Figure 3.
Bandwidth
Figure 4.
Schematic bandwidth
Table 9.
Switching characteristics (TA = -40 to 85°C, VCC = 3.3V ±10%)
Symb
ol
Parameter
Test conditions
Min
Typ
Max
Unit
tPD
Propagation delay
VCC = 3 V to 3.6 V
0.25
ns
tPZH,
tPZL
Line enable time,
SE to x to x0 or x to x1
VCC = 3 V to 3.6 V
0.5
6.5
9
ns
tPHZ,
tPLZ
Line disable time,
SE to x to x0 or x to x1
VCC = 3 V to 3.6 V
0.5
6.5
8.5
ns
tSK(O)
Output skew between
center port to any other
port
VCC = 3 V to 3.6 V
0.1
0.2
ns
tSK(P)
Skew between opposite
transition of the same
output (tPHL, tPLH)
VCC = 3 V to 3.6 V
0.1
0.2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com