Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3DV520QTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST3DV520QTR
Description  High bandwidth analog switch with 16-to-8 bit MUX/DEMUX
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3DV520QTR Datasheet(HTML) 5 Page - STMicroelectronics

  ST3DV520QTR Datasheet HTML 1Page - STMicroelectronics ST3DV520QTR Datasheet HTML 2Page - STMicroelectronics ST3DV520QTR Datasheet HTML 3Page - STMicroelectronics ST3DV520QTR Datasheet HTML 4Page - STMicroelectronics ST3DV520QTR Datasheet HTML 5Page - STMicroelectronics ST3DV520QTR Datasheet HTML 6Page - STMicroelectronics ST3DV520QTR Datasheet HTML 7Page - STMicroelectronics ST3DV520QTR Datasheet HTML 8Page - STMicroelectronics ST3DV520QTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ST3DV520
Maximum rating
5/10
RFLAT
ON resistance flatness(1)(2)
VCC = 3.0 V, VIN at 1.5
and VCC
IIN = -40mA
0.8
Ω
ΔRON
ON resistance match between
channel
ΔRON = RONMAX-RONMIN (1)(3)
VCC = 3.0 V, VIN = 1.5 to
VCC
IIN = -40mA
0.5
1
Ω
1.
Measured by voltage drop between channels at indicated current trough the switch. ON resistance is
determined by the lower of the voltage.
2.
Flatness is defined as the difference between the RONMAX and RONMIN of ON resistance over the specified
range.
3.
ΔRON measured at same VCC, temperature and voltage level.
Table 6.
Capacitance specifications (TA = 25°C, f = 1 MHz)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
CIN
Input capacitance(1)
1.
x = A to H, x0 = A0 to H0, x1 = A1 to H1
VIN = 0 V
2
3
pF
COFF
Port x0 to Port x1, switch off
VIN = 0 V
4
6
pF
CON
Capacitance switch on
(x to x0 or x to x1)
VIN = 0 V
7.5
11
pF
Table 7.
Power supply characteristics (TA = -40 to 85°C)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
ICC
Quiescent power supply
VCC = 3.6 V
VIN = VCC or GND
150
500
µA
Table 8.
Dynamic electrical characteristics (TA = -40 to 85°C, VCC = 3.3V ±10%)
Symb
ol
Parameter
Test Conditions
Min
Typ
Max
Unit
Xtalk
Crosstalk
RL= 100 Ω, f = 250 MHz
-40
dB
OIRR Off isolation
RL= 100 Ω, f = 250 MHz
-36
dB
BW
-3dB bandwidth
RL= 100 Ω
450
MHz
Table 5.
DC electrical characteristics (TA = -40 to 85°C, VCC = 3.3 V ±10%)
(continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com