Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3DV520QTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST3DV520QTR
Description  High bandwidth analog switch with 16-to-8 bit MUX/DEMUX
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3DV520QTR Datasheet(HTML) 4 Page - STMicroelectronics

  ST3DV520QTR Datasheet HTML 1Page - STMicroelectronics ST3DV520QTR Datasheet HTML 2Page - STMicroelectronics ST3DV520QTR Datasheet HTML 3Page - STMicroelectronics ST3DV520QTR Datasheet HTML 4Page - STMicroelectronics ST3DV520QTR Datasheet HTML 5Page - STMicroelectronics ST3DV520QTR Datasheet HTML 6Page - STMicroelectronics ST3DV520QTR Datasheet HTML 7Page - STMicroelectronics ST3DV520QTR Datasheet HTML 8Page - STMicroelectronics ST3DV520QTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Maximum rating
ST3DV520
4/10
2
Maximum rating
Stressing the device above the rating listed in the “Absolute Maximum Ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
2.1
Absolute maximum rating
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage to
ground
-0.5 to 4
V
VI
DC input voltage
-0.5 to 4
V
VIC
DC control input voltage
-0.5 to 4
V
IO
DC output current(1)
1.
If VIO x IO does not exceed the maximum limit of PD.
120
mA
PD
Power dissipation
0.5
W
Tstg
Storage temperature
-65 to 150
°C
TL
Lead temperature
(10 sec)
300
°C
Table 5.
DC electrical characteristics (TA = -40 to 85°C, VCC = 3.3 V ±10%)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VIH
Voltage input high
High level guaranteed
2
V
VIL
Voltage input low
Low level guaranteed
-0.5
0.8
V
VIK
Clamp diode voltage
VCC = 3.6 V, IIN = -18 mA
-0.8
-1.2
V
IIH
Input high current
VCC = 3.6 V, VIN = VCC
±5
μA
IIL
Input low current
VCC = 3.6 V, VIN = GND
±5
μA
IOFF
Power down leakage current
VCC = 0 V, A to H
V = 0 V,
A0 to H0 and A1 to H1
≤
3.6 V
±5
μA
RON
Switch ON resistance(1)
VCC = 3.0 V, VIN = 1.5 to
VCC
IIN = -40mA
5.5
7.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com