Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4635 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA4635
Description  2-Channel BTL AF Power Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4635 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA4635 Datasheet HTML 1Page - Sanyo Semicon Device LA4635 Datasheet HTML 2Page - Sanyo Semicon Device LA4635 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ordering number: ENN6984
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
For General Audio Use
2-Channel BTL AF Power Amplifier
LA4635B
Monolithic Linear IC
70102RM (II) No. 6984-1/3
Package Dimensions
unit: mm
3049B-SIP12H
[LA4635B]
SANYO: SIP12H
Overview
The LA4635B is a 2-channel power IC that is pin-compat-
ible with the LA4636.
It represents a new concept in devices of this type by
allowing design editing based on common circuit board pin
compatibility for products of different power ranks. It is
compatible with VCC = 9 V and VCC = 12 V specifications
and is available in two versions with different voltage
gains (LA4635B with VG = 45 dB and LA4635A with VG
= 35 dB).
26.8
(20.0)
12
1
0.5
2.0
4.0
0.4
2.0
(2.4)
1.0
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
No signal
24
V
Maximum output current
Io peak
Per channel
2.5
A
Allowable power dissipation
Pd max
Infinite heat sink
25
W
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +150
°C
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
12
V
Recommended load resistance
RL op
3 to 8
Allowable operating voltage range
VCC op
5.5 to 22
V
* Set VCC, RL, and output level such that Pd max. is not exceeded for the size of heat sink used.
Specifications


Similar Part No. - LA4635

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4635A SANYO-LA4635A Datasheet
34Kb / 3P
For General Audio Use 2-Channel BTL AF Power Amplifier
More results

Similar Description - LA4635

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4508 SANYO-LA4508 Datasheet
219Kb / 7P
8.5W 2-Channel AF Power Amplifier
LA4636 SANYO-LA4636 Datasheet
28Kb / 3P
For General Audio Use 11 W 2-Channel BTL AF Power Amplifier
LA4705 SANYO-LA4705 Datasheet
258Kb / 8P
15 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4708 SANYO-LA4708 Datasheet
204Kb / 9P
20 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4635A SANYO-LA4635A Datasheet
34Kb / 3P
For General Audio Use 2-Channel BTL AF Power Amplifier
LA4708N SANYO-LA4708N Datasheet
203Kb / 9P
Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
logo
ON Semiconductor
LA4708N ONSEMI-LA4708N Datasheet
133Kb / 9P
20W 2-channel BTL AF Power Amplifier for Car Stereo
March, 2014
LA4631VC ONSEMI-LA4631VC Datasheet
307Kb / 7P
2-Channel SE AF Power Amplifier
May, 2013
EN6632A ONSEMI-EN6632A Datasheet
221Kb / 8P
20W 2-Channel BTL Power Amplifier
May, 2013
LA4628 ONSEMI-LA4628 Datasheet
221Kb / 8P
2-Channel BTL Power Amplifier
May, 2013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com