Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30L30CT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS30L30CT
Description  Low drop power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30L30CT Datasheet(HTML) 1 Page - STMicroelectronics

  STPS30L30CT Datasheet HTML 1Page - STMicroelectronics STPS30L30CT Datasheet HTML 2Page - STMicroelectronics STPS30L30CT Datasheet HTML 3Page - STMicroelectronics STPS30L30CT Datasheet HTML 4Page - STMicroelectronics STPS30L30CT Datasheet HTML 5Page - STMicroelectronics STPS30L30CT Datasheet HTML 6Page - STMicroelectronics STPS30L30CT Datasheet HTML 7Page - STMicroelectronics STPS30L30CT Datasheet HTML 8Page - STMicroelectronics STPS30L30CT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
April 2010
Doc ID 5506 Rev 6
1/9
9
STPS30L30C
Low drop power Schottky rectifier
Features
■ Very small conduction losses
■ Negligible switching losses
■ Extremely fast switching
■ Low forward voltage drop
■ Low thermal resistance
■ Avalanche capability specified
Description
This dual center tap Schottky rectifier is suited for
switch mode power supplies and high frequency
DC to DC converters.
Packaged in TO-220AB, D2PAK and I2PAK, this
device is intended for use in low voltage, high
frequency inverters, free-wheeling and polarity
protection applications.
Figure 1.
Electrical characteristics (a)
Table 1.
Device summary
IF(AV)
2 x 15 A
VRRM
30 V
Tj (max)
150 °C
VF(typ)
0.37 V
a.
VARM and IARM must respect the reverse safe
operating area defined in Figure 12 VAR and IAR are
pulse measurements (tp < 1 µs). VR, IR, VRRM and VF,
are static characteristics
A1
K
A2
TO-220AB
STPS30L30CT
A1
A2
K
K
A1
A2
K
I2PAK
STPS30L30CR
A1
A2
K
D2PAK
STPS30L30CG
IF
2 x IO
IO
IR
IAR
VF(Io)
VTo
VF(2xIo)
VF
V
I
I
V
VR
VRRM
"Reverse"
"Forward"
VAR
X
X
www.st.com


Similar Part No. - STPS30L30CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30L30CT STMICROELECTRONICS-STPS30L30CT Datasheet
99Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
logo
International Rectifier
STPS30L30CT IRF-STPS30L30CT Datasheet
85Kb / 7P
SCHOTTKY RECTIFIER
STPS30L30CT IRF-STPS30L30CT Datasheet
255Kb / 8P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
STPS30L30CT VISHAY-STPS30L30CT Datasheet
103Kb / 6P
Schottky Rectifier, 2 x 15 A
21-Aug-08
STPS30L30CT VISHAY-STPS30L30CT Datasheet
105Kb / 6P
Schottky Rectifier, 2 x 15 A
14-Aug-08
More results

Similar Description - STPS30L30CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com