Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30L30CT Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS30L30CT
Description  Low drop power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30L30CT Datasheet(HTML) 3 Page - STMicroelectronics

  STPS30L30CT Datasheet HTML 1Page - STMicroelectronics STPS30L30CT Datasheet HTML 2Page - STMicroelectronics STPS30L30CT Datasheet HTML 3Page - STMicroelectronics STPS30L30CT Datasheet HTML 4Page - STMicroelectronics STPS30L30CT Datasheet HTML 5Page - STMicroelectronics STPS30L30CT Datasheet HTML 6Page - STMicroelectronics STPS30L30CT Datasheet HTML 7Page - STMicroelectronics STPS30L30CT Datasheet HTML 8Page - STMicroelectronics STPS30L30CT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STPS30L30C
Characteristics
Doc ID 5506 Rev 6
3/9
Figure 2.
Average forward power dissipation
versus average forward current
(per diode)
Figure 3.
Average forward current per diode
versus ambient temperature
(
δ = 0.5)
0
2
4
6
8
101214161820
0
1
2
3
4
5
6
7
8
9
10
IF(av) (A)
PF(av)(W)
T
δ=tp/T
tp
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
0
25
50
75
100
125
150
0
2
4
6
8
10
12
14
16
IF(av)(A)
Rth(j-a)=15°C/W
Rth(j-a)=Rth(j-c)
Rth(j-a)=50°C/W
T
δ=tp/T
tp
Tamb(°C)
Figure 4.
Normalized avalanche power
derating versus pulse duration
Figure 5.
Normalized avalanche power
derating versus junction
temperature
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
0.001
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(T )
P
(25°C)
ARM
j
ARM
Figure 6.
Non repetitive surge peak forward
current versus overload duration,
(maximum values per diode)
Figure 7.
Relative variation of thermal
impedance junction to case
versus pulse duration
1E-3
1E-2
1E-1
1E+0
0
25
50
75
100
125
150
175
200
225
250
IM(A)
Tc=25°C
Tc=110°C
Tc=75°C
t(s)
IM
t
δ=0.5
1E-4
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
T
δ=tp/T
tp
Single pulse
δ = 0.5
δ = 0.2
δ = 0.1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com