Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30L30CT Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS30L30CT
Description  Low drop power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30L30CT Datasheet(HTML) 4 Page - STMicroelectronics

  STPS30L30CT Datasheet HTML 1Page - STMicroelectronics STPS30L30CT Datasheet HTML 2Page - STMicroelectronics STPS30L30CT Datasheet HTML 3Page - STMicroelectronics STPS30L30CT Datasheet HTML 4Page - STMicroelectronics STPS30L30CT Datasheet HTML 5Page - STMicroelectronics STPS30L30CT Datasheet HTML 6Page - STMicroelectronics STPS30L30CT Datasheet HTML 7Page - STMicroelectronics STPS30L30CT Datasheet HTML 8Page - STMicroelectronics STPS30L30CT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STPS30L30C
4/9
Doc ID 5506 Rev 6
Figure 12.
Reverse safe operating area (tp < 1 µs and Tj < 150 °C)
Figure 8.
Reverse leakage current versus
reverse voltage applied (typical
values per diode)
Figure 9.
Junction capacitance versus
reverse voltage applied
(typical values per diode)
0
5
10
15
20
25
30
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
VR(V)
IR(mA)
Tj=125°C
Tj=25°C
Tj=150°C
12
5
10
20
50
0.1
1.0
5.0
VR(V)
C(nF)
F=1MHz
Tj=25°C
Figure 10.
Forward voltage drop versus
forward current (maximum values
per diode)
Figure 11.
Thermal resistance junction to
ambient versus copper surface
under tab
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
10
100
200
VFM(V)
IFM(A)
Tj=15 0 °C
(typical values)
Tj=12 5 °C
Tj=25 °C
0
4
8
12
16
20
24
28
32
36
40
0
10
20
30
40
50
60
70
80
S(Cu) (cm²)
Rth(j-a) (°C/W)
Epoxy printed circuit board,
D2PAK
copper thickness = 35 µm
20
25
30
35
40
45
50
55
30
35
40
45
50
55
60
Forbidden area
Operating area
Varm (V)
Iarm (A)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com