Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS120MF Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS120MF
Description  Power Schottky rectifier in flat package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS120MF Datasheet(HTML) 2 Page - STMicroelectronics

  STPS120MF Datasheet HTML 1Page - STMicroelectronics STPS120MF Datasheet HTML 2Page - STMicroelectronics STPS120MF Datasheet HTML 3Page - STMicroelectronics STPS120MF Datasheet HTML 4Page - STMicroelectronics STPS120MF Datasheet HTML 5Page - STMicroelectronics STPS120MF Datasheet HTML 6Page - STMicroelectronics STPS120MF Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
STPS120MF
2/7
1
Characteristics
Table 2.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
20
V
IF(RMS)
Forward current rms
2
A
IF(AV)
Average forward current
Tc = 140 °C δ = 0.5
1
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
50
A
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25 °C
1400
W
Tstg
Storage temperature range
-65 to + 150
°C
Tj
Maximum operating junction temperature(1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
150
°C
dV/dt
Critical rate of rise of reverse voltage (rated VR, Tj = 25 °C)
10000
V/µs
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
20
°C/W
Rth(j-a)
(1)
1.
Mounted with minimum recommended pad size, PC board FR4
Junction to ambient
250
°C/W
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 380 µs,
δ < 2%
To evaluate the conduction losses use the following equation:
P = 0.34 x IF(AV) + 0.07 IF
2
(RMS)
Reverse leakage current
Tj = 25° C
VR = VRRM
1.3
3.9
µA
Tj = 100° C
275
850
Tj = 25° C
VR = 10 V
0.6
2.0
Tj = 100° C
145
450
Tj = 25° C
VR = 5 V
0.4
10.
Tj = 100° C
105
300
VF
(1)
Forward voltage drop
Tj = 25° C
IF = 1 A
0.44
0.49
V
Tj = 100° C
0.36
0.41
Tj = 25° C
IF = 2 A
0.48
0.54
Tj = 100° C
0.42
0.48
dPtot
dTj
---------------
1
Rth j
a
–
()
--------------------------
<



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com