Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS120MF Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS120MF
Description  Power Schottky rectifier in flat package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS120MF Datasheet(HTML) 4 Page - STMicroelectronics

  STPS120MF Datasheet HTML 1Page - STMicroelectronics STPS120MF Datasheet HTML 2Page - STMicroelectronics STPS120MF Datasheet HTML 3Page - STMicroelectronics STPS120MF Datasheet HTML 4Page - STMicroelectronics STPS120MF Datasheet HTML 5Page - STMicroelectronics STPS120MF Datasheet HTML 6Page - STMicroelectronics STPS120MF Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
STPS120MF
4/7
Figure 11.
Thermal resistance junction to ambient versus copper surface under tab
(epoxy printed board FR4, Cu = 35 µm, typical values)
Figure 7.
Reverse leakage current versus
reverse voltage applied (typical
values)
Figure 8.
Junction capacitance versus
reverse voltage applied (typical
values)
I (mA)
R
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
0
2
4
6
8
1012
1416
1820
T
j=150°C
T
j=125°C
T
j=25°C
T
j=100°C
T
j=75°C
T
j=50°C
V (V)
R
C(pF)
10
100
1000
0
2
4
6
8
10
12
14
16
18
20
F=1MHz
V
osc=30mV
T
j=25°C
V (V)
R
Figure 9.
Forward voltage drop versus
forward current (low level)
Figure 10.
Forward voltage drop versus
forward current (high level)
I
(A)
FM
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Tj=25°C
(Maximum values)
Tj=100°C
(Maximum values)
Tj=100°C
(Maximum values)
Tj=100°C
(Typical values)
Tj=100°C
(Typical values)
V
(V)
FM
I
(A)
FM
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Tj=25°C
(Maximum values)
Tj=100°C
(Maximum values)
Tj=100°C
(Maximum values)
Tj=100°C
(Typical values)
Tj=100°C
(Typical values)
V
(V)
FM
R
(°C/W)
th(j-a)
0
25
50
75
100
125
150
175
200
225
250
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
S(cm²)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com