Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS120MF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS120MF
Description  Power Schottky rectifier in flat package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS120MF Datasheet(HTML) 1 Page - STMicroelectronics

  STPS120MF Datasheet HTML 1Page - STMicroelectronics STPS120MF Datasheet HTML 2Page - STMicroelectronics STPS120MF Datasheet HTML 3Page - STMicroelectronics STPS120MF Datasheet HTML 4Page - STMicroelectronics STPS120MF Datasheet HTML 5Page - STMicroelectronics STPS120MF Datasheet HTML 6Page - STMicroelectronics STPS120MF Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
May 2008
Rev 1
1/7
STPS120MF
Power Schottky rectifier in flat package
Features
■ Very low profile package: 0.85 mm
■ Backward compatible with standard STmite
footprint
■ Very small conduction losses
■ Negligible switching losses
■ Extremely fast switching
■ Low forward voltage drop for higher efficiency
and extended battery life
■ Low thermal resistance
■ Avalanche capability specified
■ Hologen free molding compound
Description
Single Schottky rectifier suited for switch mode
power supplies and high frequency dc to dc
converters.
Packaged in STmite flat, this device is intended
for use in low voltage, high frequency inverters,
free wheeling and polarity protection applications.
Due to the very small size of the package this
device fits battery powered equipment (cellular,
notebook, PDA’s, printers) as well as chargers
and PCMCIA cards.
Table 1.
Device summary
IF(AV)
1 A
VRRM
20 V
Tj (max)
150 °C
VF (max)
0.41 V
K
A
STmite flat
(DO222-AA)
www.st.com


Similar Part No. - STPS120MF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS120M STMICROELECTRONICS-STPS120M Datasheet
59Kb / 6P
POWER SCHOTTKY RECTIFIER
13-Sep-2004
More results

Similar Description - STPS120MF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRS1100T3 MOTOROLA-MBRS1100T3 Datasheet
77Kb / 4P
Schottky Power Rectifier(Surface Mount Power Package)
MBRS130LT3 MOTOROLA-MBRS130LT3 Datasheet
63Kb / 4P
Schottky Power Rectifier(Surface Mount Power Package)
logo
List of Unclassifed Man...
OM4001ST ETC-OM4001ST Datasheet
15Kb / 2P
15 AMP SCHOTTKY RECTIFIER IN SMALL HERMETIC PACKAGE
OM4003 ETC-OM4003 Datasheet
15Kb / 2P
10 AMP SCHOTTKY RECTIFIER IN SMALL HERMETIC PACKAGE
logo
ON Semiconductor
MBRS1100T3 ONSEMI-MBRS1100T3_07 Datasheet
49Kb / 4P
Schottky Power Rectifier Surface Mount Power Package
March, 2007 ??Rev. 9
logo
STMicroelectronics
STPS1L20MF STMICROELECTRONICS-STPS1L20MF Datasheet
91Kb / 7P
Low drop power Schottky rectifier in flat package
21-Aug-2006
STPS1L30MF STMICROELECTRONICS-STPS1L30MF Datasheet
91Kb / 7P
Low drop power Schottky rectifier in flat package
21-Aug-2006
logo
Central Semiconductor C...
CMSH3-40FL CENTRAL-CMSH3-40FL Datasheet
1Mb / 2P
3.0A, 40V Schottky Rectifier in the SMBFL package
logo
List of Unclassifed Man...
OM4003ST ETC2-OM4003ST Datasheet
22Kb / 2P
10 AMP SCHOTTKY RECTIFIER IN SMALL HERMETIC PACKAGE
logo
ON Semiconductor
MBRS130LT3G ONSEMI-MBRS130LT3G_V01 Datasheet
278Kb / 6P
Schottky Power Rectifier Surface Mount Power Package
December, 2019 - Rev. 11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com