Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS4045C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS4045C
Description  Power Schottky rectifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS4045C Datasheet(HTML) 1 Page - STMicroelectronics

  STPS4045C Datasheet HTML 1Page - STMicroelectronics STPS4045C Datasheet HTML 2Page - STMicroelectronics STPS4045C Datasheet HTML 3Page - STMicroelectronics STPS4045C Datasheet HTML 4Page - STMicroelectronics STPS4045C Datasheet HTML 5Page - STMicroelectronics STPS4045C Datasheet HTML 6Page - STMicroelectronics STPS4045C Datasheet HTML 7Page - STMicroelectronics STPS4045C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 2009
Doc ID 4605 Rev 5
1/8
8
STPS4045C
Power Schottky rectifiers
Features
●
Very small conduction losses
●
Negligible switching losses
●
Extremely fast switching
●
Low thermal resistance
●
Avalanche capability specified
●
ECOPACK®2 compliant component
(STPS4045CT)
Description
This dual center tap Schottky rectifier is suited for
switchmode power supply and high frequency DC
to DC converters.
Packaged in TO-247 or TO-220AB this device is
intended for use in low voltage, high frequency
inverters, free wheeling and polarity protection
applications.
Table 1.
Device summary
Symbol
Value
IF(AV)
2 x 20 A
VRRM
45 V
Tj (max)
175 °C
VF (max)
0.63 V
A1
K
A2
A1
K
A2
K
A1
A2
TO-247
STPS4045CW
TO-220AB
STPS4045CT
www.st.com


Similar Part No. - STPS4045C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS4045C-Y STMICROELECTRONICS-STPS4045C-Y Datasheet
146Kb / 8P
Automotive power Schottky rectifiers
17-Dec-2013
STPS4045CP STMICROELECTRONICS-STPS4045CP Datasheet
59Kb / 5P
POWER SCHOTTKY RECTIFIERS
Jun-1999
STPS4045CW STMICROELECTRONICS-STPS4045CW Datasheet
59Kb / 5P
POWER SCHOTTKY RECTIFIERS
Jun-1999
More results

Similar Description - STPS4045C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS4045CP STMICROELECTRONICS-STPS4045CP Datasheet
59Kb / 5P
POWER SCHOTTKY RECTIFIERS
Jun-1999
logo
Microsemi Corporation
USD3030S MICROSEMI-USD3030S Datasheet
87Kb / 2P
POWER SCHOTTKY RECTIFIERS
USD4030C MICROSEMI-USD4030C Datasheet
89Kb / 2P
POWER SCHOTTKY RECTIFIERS
USD4030S MICROSEMI-USD4030S Datasheet
86Kb / 2P
POWER SCHOTTKY RECTIFIERS
USD635 MICROSEMI-USD635 Datasheet
87Kb / 2P
POWER SCHOTTKY RECTIFIERS
USD735 MICROSEMI-USD735 Datasheet
84Kb / 2P
POWER SCHOTTKY RECTIFIERS
logo
STMicroelectronics
STPS1100U STMICROELECTRONICS-STPS1100U Datasheet
103Kb / 5P
POWER SCHOTTKY RECTIFIERS
Apr-1997
logo
Microsemi Corporation
USD520 MICROSEMI-USD520_03 Datasheet
135Kb / 3P
POWER SCHOTTKY RECTIFIERS
logo
New Jersey Semi-Conduct...
1N6392 NJSEMI-1N6392 Datasheet
106Kb / 1P
POWER SCHOTTKY RECTIFIERS
USD835 NJSEMI-USD835 Datasheet
94Kb / 1P
POWER SCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com