Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS4045C Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS4045C
Description  Power Schottky rectifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS4045C Datasheet(HTML) 2 Page - STMicroelectronics

  STPS4045C Datasheet HTML 1Page - STMicroelectronics STPS4045C Datasheet HTML 2Page - STMicroelectronics STPS4045C Datasheet HTML 3Page - STMicroelectronics STPS4045C Datasheet HTML 4Page - STMicroelectronics STPS4045C Datasheet HTML 5Page - STMicroelectronics STPS4045C Datasheet HTML 6Page - STMicroelectronics STPS4045C Datasheet HTML 7Page - STMicroelectronics STPS4045C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STPS4045C
2/8
Doc ID 4605 Rev 5
1
Characteristics
When the diodes 1 and 2 are used simultaneously :
ΔT
j(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
Table 2.
Absolute ratings (limiting values, per diode)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(RMS) Forward rms current
30
A
IF(AV)
Average forward current
TO-247
TC = 150 °C, δ = 0.5
Per diode
20
A
TC = 145 °C, δ = 0.5
Per device
40
TO-220AB
TC = 145 °C, δ = 0.5
Per diode
20
A
TC = 130 °C, δ = 0.5
Per device
40
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
220
A
IRRM
Repetitive peak reverse current
tp = 2 µs square F=1 kHz
1A
IRSM
Non repetitive peak reverse current
tp = 100 µs square
3A
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25 °C
6000
W
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature(1)
175
°C
dV/dt
Critical rate of rise reverse voltage
10000
V/µs
1.
condition to avoid thermal runaway for a diode on its own heatsink
Table 3.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth (j-c) Junction to case
TO-247
Per diode
Total
1.5
0.8
°C/W
TO-220AB
Per diode
Total
1.8
1.3
Rth (c)
Coupling
TO-247
0.1
TO-220AB
0.8
dPtot
dTj
<
1
Rth(j-a)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com