Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS4045C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS4045C
Description  Power Schottky rectifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS4045C Datasheet(HTML) 3 Page - STMicroelectronics

  STPS4045C Datasheet HTML 1Page - STMicroelectronics STPS4045C Datasheet HTML 2Page - STMicroelectronics STPS4045C Datasheet HTML 3Page - STMicroelectronics STPS4045C Datasheet HTML 4Page - STMicroelectronics STPS4045C Datasheet HTML 5Page - STMicroelectronics STPS4045C Datasheet HTML 6Page - STMicroelectronics STPS4045C Datasheet HTML 7Page - STMicroelectronics STPS4045C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STPS4045C
Characteristics
Doc ID 4605 Rev 5
3/8
To evaluate the conduction losses use the following equation :
P = 0.43x IF(AV) + 0.01x IF
2
(RMS)
Table 4.
Static electrical characteristics (per diode)
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
--
200
µA
Tj = 125 °C
-
11
40
mA
VF
(1)
Forward voltage drop
Tj = 25 °C
IF = 20 A
-
-
0.76
V
Tj = 125 °C
-
0.56
0.63
Tj = 25 °C
IF = 40 A
-
-
0.94
Tj = 125 °C
-
0.7
0.83
1.
Pulse test : tp = 380 µs,
δ < 2%
Figure 1.
Average forward power dissipation
versus average forward current
(per diode)
Figure 2.
Average forward current versus
ambient temperature
(
δ = 0.5 per diode)
PF(av)(W)
0
2
4
6
8
10
12
14
16
18
0
2
4
6
8
10
12
14
16
18
20
22
24
26
δ=0.05
δ=0.1
δ=0.2
δ=0.5
δ=1
T
δ=tp/T
tp
IF(av) (A)
IF(av)(A)
0
2
4
6
8
10
12
14
16
18
20
22
24
0
25
50
75
100
125
150
175
T
δ=tp/T
tp
R
th(j-a)=Rth(j-c)
-247
TO -247
TO-220AB
TO-220AB
Tamb(°C)
Figure 3.
Normalized avalanche power
derating versus pulse duration
Figure 4.
Normalized avalanche power
derating versus junction
temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(tp)
P
(1 µs)
ARM
ARM
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(Tj)
P
(25 °C)
ARM
ARM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com