Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS10150C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS10150C
Description  High voltage power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10150C Datasheet(HTML) 1 Page - STMicroelectronics

  STPS10150C_06 Datasheet HTML 1Page - STMicroelectronics STPS10150C_06 Datasheet HTML 2Page - STMicroelectronics STPS10150C_06 Datasheet HTML 3Page - STMicroelectronics STPS10150C_06 Datasheet HTML 4Page - STMicroelectronics STPS10150C_06 Datasheet HTML 5Page - STMicroelectronics STPS10150C_06 Datasheet HTML 6Page - STMicroelectronics STPS10150C_06 Datasheet HTML 7Page - STMicroelectronics STPS10150C_06 Datasheet HTML 8Page - STMicroelectronics STPS10150C_06 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
June 2006
Rev 6
1/9
9
STPS10150C
High voltage power Schottky rectifier
Main product characteristics
Features and benefits
■ HIgh junction temperature capability
■ Good trade off between leakage current and
forward voltage drop
■ Low leakage current
■ Avalanche capability specified
■ Insulated package
– TO-220FPAB
Insulating voltage = 2000 V
Typical package capacitance 12 pF
Description
Dual center tap schottky rectifier designed for
high frequency Switched Mode Power Supplies.
Order Codes
IF(AV)
2 x 5 A
VRRM
150 V
Tj
175° C
VF(max)
0.75 V
Part Number
Marking
STPS10150CT
STPS10150CT
STPS10150CG
STPS10150CG
STPS10150CG-TR
STPS10150CG
STPS10150CFP
STPS10150CFP
K
A2
A1
A1
A2
K
A1
K
A2
A1
A2
K
D2PAK
STPS10150CG
TO-220AB
STPS10150CT
TO-220FPAB
STPS10150CFP
Table 1.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
150
V
IF(RMS)
RMS forward voltage
10
A
IF(AV)
Average forward current
δ = 0.5
TO-220AB
D2PAK
TC = 155° C
Per diode
5
A
TO-220FPAB
TC = 145° C
Per device
10
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
120
A
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25° C
3100
W
Tstg
Storage temperature range
-65 to + 175
° C
Tj
Maximum operating junction temperature(1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
175
° C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
dPtot
dTj
---------------
1
Rth j
a
–
()
--------------------------
<
www.st.com


Similar Part No. - STPS10150C_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10150CFP STMICROELECTRONICS-STPS10150CFP Datasheet
304Kb / 12P
High voltage power Schottky rectifier
23-Apr-2015
STPS10150CFP STMICROELECTRONICS-STPS10150CFP Datasheet
304Kb / 12P
High voltage power Schottky rectifier
23-Apr-2015
STPS10150CG STMICROELECTRONICS-STPS10150CG Datasheet
84Kb / 5P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10150CG-TR STMICROELECTRONICS-STPS10150CG-TR Datasheet
84Kb / 5P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10150CG-TR STMICROELECTRONICS-STPS10150CG-TR Datasheet
304Kb / 12P
High voltage power Schottky rectifier
23-Apr-2015
More results

Similar Description - STPS10150C_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2H100A STMICROELECTRONICS-STPS2H100A Datasheet
76Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Nov-1998
STPS30150CT STMICROELECTRONICS-STPS30150CT Datasheet
93Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Oct-2003
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20100C BCDSEMI-MBR20100C Datasheet
506Kb / 9P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com