Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS10150C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS10150C
Description  High voltage power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10150C Datasheet(HTML) 3 Page - STMicroelectronics

  STPS10150C_06 Datasheet HTML 1Page - STMicroelectronics STPS10150C_06 Datasheet HTML 2Page - STMicroelectronics STPS10150C_06 Datasheet HTML 3Page - STMicroelectronics STPS10150C_06 Datasheet HTML 4Page - STMicroelectronics STPS10150C_06 Datasheet HTML 5Page - STMicroelectronics STPS10150C_06 Datasheet HTML 6Page - STMicroelectronics STPS10150C_06 Datasheet HTML 7Page - STMicroelectronics STPS10150C_06 Datasheet HTML 8Page - STMicroelectronics STPS10150C_06 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STPS10150C
Characteristics
3/9
Figure 3.
Normalized avalanche power
derating versus pulse duration
Figure 4.
Normalized avalanche power
derating versus junction
temperature
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
0.001
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM
Figure 5.
Non repetitive surge peak
forward current versus overload
duration - maximum values, per
diode (TO-220AB, D2PAK)
Figure 6.
Non repetitive surge peak forward
current versus overload duration
- maximum values, per diode
(TO-220FPAB)
1E-3
1E-2
1E-1
1E+0
0
10
20
30
40
50
60
70
80
t(s)
I(A)
M
Tc=50°C
Tc=75°C
Tc=125°C
IM
t
δ=0.5
0
10
20
30
40
50
60
70
1.E-3
1.E-2
1.E-1
1.E+0
T
C=50 °C
T
C=75 °C
T
C=125 °C
IM
t
d =0.5
t(s)
I(A)
M
Figure 7.
Relative variation of thermal
impedance junction to case versus
pulse duration (TO-220AB, D2PAK)
Figure 8.
Relative variation of thermal
impedance junction to case versus
pulse duration (TO-220FPAB)
0.1
1.0
1.E-3
1.E-2
1.E-1
1.E+0
Single pulse
TO-220AB
D²PAK
Zth(j-c)/Rth(j-c)
tp(s)
0.0
0.1
1.0
1.E-3
1.E-2
1.E-1
1.E+0
1.E+1
Single pulse
TO-220FPAB
Zth(j-c)/Rth(j-c)
tp(s)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com