Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS10150C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS10150C
Description  High voltage power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10150C Datasheet(HTML) 4 Page - STMicroelectronics

  STPS10150C_06 Datasheet HTML 1Page - STMicroelectronics STPS10150C_06 Datasheet HTML 2Page - STMicroelectronics STPS10150C_06 Datasheet HTML 3Page - STMicroelectronics STPS10150C_06 Datasheet HTML 4Page - STMicroelectronics STPS10150C_06 Datasheet HTML 5Page - STMicroelectronics STPS10150C_06 Datasheet HTML 6Page - STMicroelectronics STPS10150C_06 Datasheet HTML 7Page - STMicroelectronics STPS10150C_06 Datasheet HTML 8Page - STMicroelectronics STPS10150C_06 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STPS10150C
4/9
Figure 9.
Reverse leakage current versus
reverse voltage applied (typical
values, per diode)
Figure 10.
Junction capacitance versus
reverse voltage applied (typical
values, per diode)
0
25
50
75
100
125
150
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
1E+4
1E+5
V (V)
R
I (µA)
R
Tj=75°C
Tj=25°C
Tj=125°C
Tj=150°C
Tj=175°C
C(pF)
10
100
1000
1
10
100
1000
F=1 MHz
V
OSC=30 mVRMS
T
j=25 °C
V (V)
R
Figure 11.
Forward voltage drop versus
forward current (per diode)
Figure 12.
Thermal resistance, junction to
ambient, versus copper surface
under tab - Epoxy printed circuit
board, ecu 35 µm (D
2PAK only)
Figure 13.
Thermal resistance, junction to
ambient, versus copper surface
under tab - Epoxy printed circuit
board, ecu 35 µm (TO220FPAB only)
I(A)
FM
0
1
10
100
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
Tj=25 °C
(Maximum values)
Tj=125 °C
(Maximum values)
Tj=125 °C
(Maximum values)
Tj=125 °C
(Typical values)
Tj=125 °C
(Typical values)
V(V)
FM
R
(°C/W)
th(j-a)
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
D²PAK
S
(cm²)
CU
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
TO220FPAB
S
(cm²)
CU
R
(°C/W)
th(j-a)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com