Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1L06RL Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH1L06RL
Description  Turbo 2 ultrafast high voltage rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1L06RL Datasheet(HTML) 2 Page - STMicroelectronics

  STTH1L06RL Datasheet HTML 1Page - STMicroelectronics STTH1L06RL Datasheet HTML 2Page - STMicroelectronics STTH1L06RL Datasheet HTML 3Page - STMicroelectronics STTH1L06RL Datasheet HTML 4Page - STMicroelectronics STTH1L06RL Datasheet HTML 5Page - STMicroelectronics STTH1L06RL Datasheet HTML 6Page - STMicroelectronics STTH1L06RL Datasheet HTML 7Page - STMicroelectronics STTH1L06RL Datasheet HTML 8Page - STMicroelectronics STTH1L06RL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STTH1L06
2/9
Doc ID 8321 Rev 4
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.89 x IF(AV) + 0.165 IF
2
(RMS)
Table 2.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS) Forward rms voltage
DO-41
10
A
SMA / SMB
7
IF(AV)
Average forward current
δ = 0.5
DO-41
Tc = 120 °C
1A
SMA
Tc = 135 °C
SMB
Tc = 145 °C
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal DO-41
tp = 10 ms sinusoidal SMA / SMB
30
20
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature
175
°C
Table 3.
Thermal parameters
Symbol
Parameter
Value (max)
Unit
Rth(j-l)
Junction to lead
L = 10 mm
DO-41
45
°C/W
SMA
30
SMB
25
Rth(j-a)
Junction to ambient (1)
L = 10 mm
DO-41
70
1.
Rth(j-a) is measured with a copper area S = 5 cm2 (see Figure 14.)
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
Reverse leakage current
Tj = 25 °C
VR = 600 V
1
µA
Tj = 150 °C
10
75
VF
Forward voltage drop
Tj = 25 °C
IF = 1 A
1.3
V
Tj = 150 °C
0.85
1.05



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com