Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1L06RL Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH1L06RL
Description  Turbo 2 ultrafast high voltage rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1L06RL Datasheet(HTML) 4 Page - STMicroelectronics

  STTH1L06RL Datasheet HTML 1Page - STMicroelectronics STTH1L06RL Datasheet HTML 2Page - STMicroelectronics STTH1L06RL Datasheet HTML 3Page - STMicroelectronics STTH1L06RL Datasheet HTML 4Page - STMicroelectronics STTH1L06RL Datasheet HTML 5Page - STMicroelectronics STTH1L06RL Datasheet HTML 6Page - STMicroelectronics STTH1L06RL Datasheet HTML 7Page - STMicroelectronics STTH1L06RL Datasheet HTML 8Page - STMicroelectronics STTH1L06RL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STTH1L06
4/9
Doc ID 8321 Rev 4
Figure 5.
Relative variation of thermal
impedance junction ambient versus
pulse duration (epoxy FR4)
Figure 6.
Peak reverse recovery current
versus dIF/dt (90% confidence)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
tp(s)
SMA
T
δ=tp/T
tp
Zth(j-a)/Rth(j-a)
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
0.0
0.3
0.5
0.8
1.0
1.3
1.5
1.8
2.0
2.3
2.5
0
5
10
15
20
25
30
35
40
45
50
dIF/dt(A/µs)
VR=400V
Tj=125°C
IF=2 x IF(av)
IF=2 x IF(av)
IF=0.5 x IF(av)
IF=0.5 x IF(av)
IF=IF(av)
IF=IF(av)
IF=0.25 x IF(av)
IF=0.25 x IF(av)
IRM(A)
Figure 7.
Reverse recovery time versus dIF/dt
(90% confidence)
Figure 8.
Reverse recovery charges versus
dIF/dt (90% confidence)
0
100
200
300
400
500
600
700
800
0
5
10
15
20
25
30
35
40
45
50
dIF/dt(A/µs)
VR=400V
Tj=125°C
IF=IF(av)
IF=IF(av)
IF=0.5 x IF(av)
IF=0.5 x IF(av)
IF=2 x IF(av)
IF=2 x IF(av)
trr(ns)
0
20
40
60
80
100
120
140
160
180
200
220
0
5
10
15
20
25
30
35
40
45
50
dIF/dt(A/µs)
VR=400V
Tj=125°C
IF=IF(av)
IF=0.5 x IF(av)
IF=2 x IF(av)
Qrr(nC)
Figure 9.
Softness factor versus dIF/dt
(typical values)
Figure 10.
Relative variations of dynamic
parameters versus junction
temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
5
10
15
20
25
30
35
40
45
50
dIF/dt(A/µs)
IF=IF(av)
VR=400V
Tj=125°C
S factor
0.00
0.25
0.50
0.75
1.00
1.25
25
50
75
100
125
Tj(°C)
IRM
QRR
S factor
IF=IF(av)
VR=400V
Reference: Tj=125°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com