Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1L06RL Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH1L06RL
Description  Turbo 2 ultrafast high voltage rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1L06RL Datasheet(HTML) 5 Page - STMicroelectronics

  STTH1L06RL Datasheet HTML 1Page - STMicroelectronics STTH1L06RL Datasheet HTML 2Page - STMicroelectronics STTH1L06RL Datasheet HTML 3Page - STMicroelectronics STTH1L06RL Datasheet HTML 4Page - STMicroelectronics STTH1L06RL Datasheet HTML 5Page - STMicroelectronics STTH1L06RL Datasheet HTML 6Page - STMicroelectronics STTH1L06RL Datasheet HTML 7Page - STMicroelectronics STTH1L06RL Datasheet HTML 8Page - STMicroelectronics STTH1L06RL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STTH1L06
Characteristics
Doc ID 8321 Rev 4
5/9
Figure 15.
Thermal resistance junction to ambient versus copper surface under each lead
(Epoxy printed circuit board FR4, copper thickness: 35 µm)
Figure 11.
Transient peak forward voltage
versus dIF/dt (90% confidence)
Figure 12.
Forward recovery time versus dIF/dt
(90% confidence)
0
5
10
15
20
25
0
20
40
60
80
100
120
140
160
180
200
dIF/dt(A/µs)
IF=IF(av)
Tj=125°C
VFP(V)
0
20
40
60
80
100
120
140
160
180
200
0
20
40
60
80
100
120
140
160
180
200
dIF/dt(A/µs)
IF=IF(av)
VFR=1.1 x VF max.
Tj=125°C
tfr(ns)
Figure 13.
Junction capacitance versus
reverse voltage applied
(typical values)
Figure 14.
Thermal resistance junction to
ambient versus copper surface
under each lead
1
10
100
1
10
100
1000
VR(V)
F=1MHz
Vosc=30mV
Tj=25°C
C(pF)
0
10
20
30
40
50
60
70
80
90
100
110
0123456789
10
S(cm²)
DO-41
Lleads=10mm
SMB
Rth(j-a)(°C/W)
Epoxy printed circuit board FR4, copper thickness: 35 µm
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
S(cm²)
SMA
Rth(j-a)(°C/W)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com