Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH110A Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH110A
Description  High voltage ultrafast rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH110A Datasheet(HTML) 2 Page - STMicroelectronics

  STTH110A Datasheet HTML 1Page - STMicroelectronics STTH110A Datasheet HTML 2Page - STMicroelectronics STTH110A Datasheet HTML 3Page - STMicroelectronics STTH110A Datasheet HTML 4Page - STMicroelectronics STTH110A Datasheet HTML 5Page - STMicroelectronics STTH110A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Characteristics
STTH110
2/6
Doc ID 9344 Rev 2
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 1.20 x IF(AV) + 0.225 IF
2
(RMS)
Table 2.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
1000
V
V(RMS) Voltage rms
700
V
IF(AV)
Average forward current
SMA
TL = 110 °C δ = 0.5
1
A
DO-41
TL = 125 °C δ = 0.5
1
IFSM
Forward Surge current
t = 8.3 ms
SMA
18
A
DO-41
20
Tstg
Storage temperature range
-50 to + 175
°C
Tj
Maximum operating junction temperature
175
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to lead
SMA
30
°C/W
Lead length = 10 mm
DO-41
45
Rth(j-a)
Junction to ambient
Lead length = 10 mm
DO-41
110
Table 4.
Static Electrical Characteristics
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR
Reverse leakage
current
Tj = 25 °C
VR = 1000 V
10
µA
Tj = 125 °C
50
VF
Forward voltage drop
Tj = 25 °C
IF = 1 A
1.7
V
Tj = 125 °C
0.98
1.42
Table 5.
Dynamic electrical characteristics
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
trr
Reverse
recovery time
Tj = 25 °C
IF = 0.5, A
Irr = 0.25 A,
IR = 1 A
75
ns
tfr
Forward
recovery time
Tj = 25 °C
IF = 1 A,
dIF/dt = 50 A/ms
VFR = 1.1 x
VFmax
300
ns
VFP
Forward
recovery voltage
18
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com