Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH110A Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH110A
Description  High voltage ultrafast rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH110A Datasheet(HTML) 5 Page - STMicroelectronics

  STTH110A Datasheet HTML 1Page - STMicroelectronics STTH110A Datasheet HTML 2Page - STMicroelectronics STTH110A Datasheet HTML 3Page - STMicroelectronics STTH110A Datasheet HTML 4Page - STMicroelectronics STTH110A Datasheet HTML 5Page - STMicroelectronics STTH110A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
STTH110
Ordering information
Doc ID 9344 Rev 2
5/6
3
Ordering information
4
Revision history
Table 8.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
STTH110
STTH110
DO-41
0.34 g
2000
Ammopack
STTH110A
H10
SMA
0.068 g
5000
Tape and reel
STTH110RL
STTH110
DO-41
0.34 g
5000
Tape and reel
Table 9.
Document revision history
Date
Revision
Changes
Jan-2003
1
Last update.
30-Sept-2009
2
Updated table 7 package dimensions.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com