Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH110A Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH110A
Description  High voltage ultrafast rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH110A Datasheet(HTML) 4 Page - STMicroelectronics

  STTH110A Datasheet HTML 1Page - STMicroelectronics STTH110A Datasheet HTML 2Page - STMicroelectronics STTH110A Datasheet HTML 3Page - STMicroelectronics STTH110A Datasheet HTML 4Page - STMicroelectronics STTH110A Datasheet HTML 5Page - STMicroelectronics STTH110A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Package information
STTH110
4/6
Doc ID 9344 Rev 2
2
Package information
●
Epoxy meets UL 94, V0
●
Band indicates cathode
●
Bending method (DO-41): see Application note AN1471
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 7.
Footprint (dimensions in mm)
Table 6.
SMA dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.094
A2
0.05
0.20
0.002
0.008
b
1.25
1.65
0.049
0.065
c
0.15
0.40
0.006
0.016
D
2.25
2.90
0.089
0.114
E
4.80
5.35
0.189
0.211
E1
3.95
4.60
0.156
0.181
L
0.75
1.50
0.030
0.059
Table 7.
DO-41 (plastic) package dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.07
5.20
0.160
0.205
B
2.04
2.71
0.080
0.107
C25.4
1
D
0.71
0.86
0.028
0.034
E
C
L
E1
D
A1
A2
b
2.63
5.43
1.4
1.64
1.4
ØD ØB
A
CC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com