Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8162 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV8162
Description  5 V, 5 V and 8 V triple voltage regulator with disable and reset functions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8162 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV8162 Datasheet HTML 2Page - STMicroelectronics STV8162 Datasheet HTML 3Page - STMicroelectronics STV8162 Datasheet HTML 4Page - STMicroelectronics STV8162 Datasheet HTML 5Page - STMicroelectronics STV8162 Datasheet HTML 6Page - STMicroelectronics STV8162 Datasheet HTML 7Page - STMicroelectronics STV8162 Datasheet HTML 8Page - STMicroelectronics STV8162 Datasheet HTML 9Page - STMicroelectronics STV8162 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Circuit description
STV8162
6/14
3
Circuit description
The STV8162 and STV8162D are triple-voltage regulators with reset and disable functions.
The three regulation parts are supplied from a single voltage reference circuit trimmed by
zener zapping during EWS testing. Since the supply voltage of this voltage reference is
connected to pin INPUT1 (VIN1), the second and third regulators will not work if pin INPUT1
is not supplied.
The output stages are designed using a Darlington configuration with a typical dropout
voltage of 1.0 V.
In all applications, all three inputs must be polarized. If outputs 2 or 3 are not used, the
corresponding inputs must be connected to Input 1.
The disable circuit will switch off pins OUTPUT2 and OUTPUT3 if a voltage less than 0.8 V
is applied to pin DISABLE.
The reset circuit checks the voltage at pin OUTPUT1. If this voltage drops below
VOUT1-0.25 V (4.75 V Typ.), the "a" comparator (Figure 4) rapidly discharges the external
capacitor (Ce) and the reset output immediately switches to low. When the voltage at pin
OUTPUT1 exceeds VOUT1-0.175 V (4.825 V Typ.), the VCe voltage increases linearly to the
reference voltage (VREF = 2.5 V) corresponding to a reset pulse delay (tRD)as shown in
Figure 5.
Afterwards, the reset output returns to high. To avoid glitches in the reset output, the second
comparator "b" has a large hysteresis (1.9 V).
t
RD
C
e
2.5V
×
10
μA
---------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com