Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8162 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV8162
Description  5 V, 5 V and 8 V triple voltage regulator with disable and reset functions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8162 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV8162 Datasheet HTML 6Page - STMicroelectronics STV8162 Datasheet HTML 7Page - STMicroelectronics STV8162 Datasheet HTML 8Page - STMicroelectronics STV8162 Datasheet HTML 9Page - STMicroelectronics STV8162 Datasheet HTML 10Page - STMicroelectronics STV8162 Datasheet HTML 11Page - STMicroelectronics STV8162 Datasheet HTML 12Page - STMicroelectronics STV8162 Datasheet HTML 13Page - STMicroelectronics STV8162 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Package mechanical data
STV8162
12/14
6.1
Environmentally-friendly packages
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance.
ECOPACK specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
D1
0.13
0.005
e2.54
0.100
eB
10.92
0.430
E
7.62
7.87
8.26
0.300
0.310
0.325
E1
6.10
6.35
7.11
0.240
0.250
0.280
L
2.92
3.30
3.81
0.115
0.130
0.150
Table 7.
18-pin pastic dual in-line power package dimensions (continued)
Dim.
mm
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com