Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8162 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV8162
Description  5 V, 5 V and 8 V triple voltage regulator with disable and reset functions
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8162 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV8162 Datasheet HTML 6Page - STMicroelectronics STV8162 Datasheet HTML 7Page - STMicroelectronics STV8162 Datasheet HTML 8Page - STMicroelectronics STV8162 Datasheet HTML 9Page - STMicroelectronics STV8162 Datasheet HTML 10Page - STMicroelectronics STV8162 Datasheet HTML 11Page - STMicroelectronics STV8162 Datasheet HTML 12Page - STMicroelectronics STV8162 Datasheet HTML 13Page - STMicroelectronics STV8162 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STV8162
Package mechanical data
11/14
Figure 11.
18-pin plastic dual in-line power package
M2.54
0.100
M1
2.54
0.100
Number of pins
N11
Table 7.
18-pin pastic dual in-line power package dimensions
Dim.
mm
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
5.33
0.210
A1
0.38
0.015
A2
2.92
3.30
4.95
0.115
0.130
0.195
b
0.36
0.46
0.56
0.014
0.018
0.022
b2
1.14
1.52
1.78
0.045
0.060
0.070
b3
0.76
0.99
1.14
0.030
0.039
0.045
c
0.20
0.25
0.36
0.008
0.010
0.014
D
22.35
22.86
23.37
0.880
0.900
0.920
Table 6.
11-pin plastic Clipwatt package dimensions (continued)
Dim.
mm
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
9
D1
b3
b
eB
c
e
1
10
18
D
E
E1
A
A1
L
A2
b2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com