Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN25 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TN25
Description  25A SCRS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN25 Datasheet(HTML) 3 Page - STMicroelectronics

  TN25_06 Datasheet HTML 1Page - STMicroelectronics TN25_06 Datasheet HTML 2Page - STMicroelectronics TN25_06 Datasheet HTML 3Page - STMicroelectronics TN25_06 Datasheet HTML 4Page - STMicroelectronics TN25_06 Datasheet HTML 5Page - STMicroelectronics TN25_06 Datasheet HTML 6Page - STMicroelectronics TN25_06 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TN25 and TYNx25 Series
3/7
Figure 3: Average and D.C. on-state current
versus ambient temperature (copper surface
under tab: S=1cm2) (D2PAK)
Figure
4:
Relative
variation
of
thermal
impedance versus pulse duration
Figure 5: Relative variation of gate trigger
current, holding current and latching current
versus junction temperature
Figure 6: Surge peak on-state current versus
number of cycles
Figure 7: Non-repetitive surge peak on-state
current for a sinusoidal pulse with width
tp < 10 ms, and corresponding values of I²t
Figure 8: On-state characteristics (maximum
values)
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
I
(A)
T(AV)
T
(°C)
amb
α = 180°
D.C.
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
0.01
0.10
1.00
K=[Z /R
th
th]
t (s)
p
Zth(j-c)
Zth(j-a)
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
T (°C)
j
I,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C]
GT H L
j
IGT
IH & IL
1
10
100
1000
0
50
100
150
200
250
300
350
I
(A)
TSM
Number of cycles
Non repetitive
T initial=25°C
j
Repetitive
T =100°C
C
t =10ms
p
One cycle
0.01
0.10
1.00
10.00
100
1000
2000
I
(A), I t (A s)
TSM
22
t (ms)
p
I t
2
ITSM
T initial = 25°C
j
dI/dt limitation
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1
10
100
300
I
(A)
TM
V
(V)
TM
Tj=max
T =25°C
j
V =0.77V
R =14m
T max.:
j
t0
d
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com