Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN25 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TN25
Description  25A SCRS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN25 Datasheet(HTML) 1 Page - STMicroelectronics

  TN25_06 Datasheet HTML 1Page - STMicroelectronics TN25_06 Datasheet HTML 2Page - STMicroelectronics TN25_06 Datasheet HTML 3Page - STMicroelectronics TN25_06 Datasheet HTML 4Page - STMicroelectronics TN25_06 Datasheet HTML 5Page - STMicroelectronics TN25_06 Datasheet HTML 6Page - STMicroelectronics TN25_06 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
®
1/7
Table 1: Main Features
DESCRIPTION
The standard TN25 / TYNx25 25A SCR series is
suitable for general purpose applications.
Using clip assembly technology, they provide a
superior performance in surge current capabilities.
Symbol
Value
Unit
IT(RMS)
25
A
VDRM/VRRM
600 to 1000
V
IGT
40
mA
TN25 and TYNx25 Series
25A SCRS
REV. 5
February 2006
STANDARD
Table 2: Order Codes
Part Numbers
Marking
TN2540-x00G
TN2540x00G
TN2540-x00G-TR
TN2540x00G
TYNx25RG
TYNx25
A
K
G
A
K
G
A
A
K
G
A
D2PAK
(TN25-G)
TO-220AB
(TYN25)
Table 3: Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS) RMS on-state current (180° conduction angle)
Tc = 100°C
25
A
IT(AV)
Average on-state current (180° conduction angle)
Tc = 100°C
16
A
ITSM
Non repetitive surge peak on-state current
tp = 8.3 ms
Tj = 25°C
314
A
tp = 10 ms
300
I²tI²t Value for fusing
tp = 10 ms
Tj = 25°C
450
A2S
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 60 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4A
PG(AV)
Average gate power dissipation
Tj = 125°C
1W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
VRGM
Maximum peak reverse gate voltage
5
V


Similar Part No. - TN25_06

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN2510 SUTEX-TN2510 Datasheet
478Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
TN2510 SUTEX-TN2510 Datasheet
592Kb / 5P
N-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
TN2510 MICROCHIP-TN2510 Datasheet
770Kb / 14P
N-Channel Enhancement-Mode Vertical DMOS FET
02/28/20
logo
Supertex, Inc
TN2510N8 SUTEX-TN2510N8 Datasheet
478Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
TN2510N8-G SUTEX-TN2510N8-G Datasheet
592Kb / 5P
N-Channel Enhancement-Mode Vertical DMOS FET
More results

Similar Description - TN25_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN25 STMICROELECTRONICS-TN25 Datasheet
93Kb / 7P
25A SCRs
Apr-2002
TYNX25 STMICROELECTRONICS-TYNX25 Datasheet
93Kb / 7P
25A SCRs
Apr-2002
logo
JIEJIE MICROELECTRONICS...
JCT625 JIEJIE-JCT625 Datasheet
608Kb / 5P
25A SCRs
SCF25C60 JIEJIE-SCF25C60 Datasheet
461Kb / 4P
25A SCRs
TYN625 JIEJIE-TYN625 Datasheet
575Kb / 6P
25A SCRs
logo
Tiger Electronic Co.,Lt...
TYN625 TGS-TYN625 Datasheet
70Kb / 1P
25A SCRs
logo
Nell Semiconductor Co.,...
25PT NELLSEMI-25PT_14 Datasheet
2Mb / 5P
Stansard SCRs, 25A
25PT NELLSEMI-25PT Datasheet
1Mb / 6P
Stansard SCRs, 25A
logo
JIEJIE MICROELECTRONICS...
JCT1025 JIEJIE-JCT1025 Datasheet
373Kb / 6P
25A SCRs
JCT1625 JIEJIE-JCT1625 Datasheet
367Kb / 5P
25A SCRs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com