Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN25 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TN25
Description  25A SCRS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN25 Datasheet(HTML) 5 Page - STMicroelectronics

  TN25_06 Datasheet HTML 1Page - STMicroelectronics TN25_06 Datasheet HTML 2Page - STMicroelectronics TN25_06 Datasheet HTML 3Page - STMicroelectronics TN25_06 Datasheet HTML 4Page - STMicroelectronics TN25_06 Datasheet HTML 5Page - STMicroelectronics TN25_06 Datasheet HTML 6Page - STMicroelectronics TN25_06 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TN25 and TYNx25 Series
5/7
Table 6: Product Selector
Figure 12: D2PAK Package Mechanical Data
Figure 13: D2PAK Foot Print Dimensions
(in millimeters)
Part Numbers
Voltage (xxx)
Sensitivity
Package
600 V
800 V
1000 V
TN2540-xxxG
X
X
X
40 mA
D2PAK
TYNx25
X
X
X
40 mA
TO-220AB
G
L
L3
L2
B
B2
E
2mm min.
FLAT ZONE
A
C2
D
R
A2
V2
C
A1
16.90
10.30
8.90
3.70
5.08
1.30
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.30
4.60
0.169
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.70
0.93
0.027
0.037
B2
1.25
1.40
0.048 0.055
C
0.45
0.60
0.017
0.024
C2
1.21
1.36
0.047
0.054
D
8.95
9.35
0.352
0.368
E
10.00
10.28 0.393
0.405
G
4.88
5.28
0.192
0.208
L
15.00
15.85 0.590
0.624
L2
1.27
1.40
0.050
0.055
L3
1.40
1.75
0.055
0.069
R
0.40
0.016
V2
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com