Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-LSHCCHIP Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-LSHCCHIP
Description  3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LSHCCHIP Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-LSHCCHIP Datasheet HTML 1Page - IC-Haus GmbH IC-LSHCCHIP Datasheet HTML 2Page - IC-Haus GmbH IC-LSHCCHIP Datasheet HTML 3Page - IC-Haus GmbH IC-LSHCCHIP Datasheet HTML 4Page - IC-Haus GmbH IC-LSHCCHIP Datasheet HTML 5Page - IC-Haus GmbH IC-LSHCCHIP Datasheet HTML 6Page - IC-Haus GmbH IC-LSHCCHIP Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
preliminary
preliminary
iC-LSHC
3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
Rev B1, Page 5/7
ELECTRICAL CHARACTERISTICS
Operating conditions: VCC = 4.5...5.5 V, Tj = -40..125 °C, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001
VCC
Permissible Supply Voltage
4.5
5.5
V
002
I(VCC)
Supply Current in VCC
no output load, photocurrents within linear op-
erating range (no override)
9.5
15
mA
003
Vc()hi
Clamp-Voltage hi at all pins
I() = 4 mA
11
V
004
Vc()lo
Clamp-Voltage lo at all pins
I() = -4 mA
-1.2
-0.3
V
Photosensors
101
λ ar
Spectral Application Range
Se(λ ar) = 0.25 x S(λ )max
400
950
nm
102
λ pk
Peak Sensitivity Wavelength
680
nm
103
Aph()
Radiant Sensitive Area
0.8 mm x 0.33 mm
0.264
mm2
104
S(λ )
Spectral Sensitivity
λ LED = 740 nm
0.5
A/W
105
S(λ pk)max Maximum Spectral Sensitivity
λ LED = λ pk
0.55
A/W
106
E()mxr
Irradiance For Maximum Signal
Level
λ LED = 740 nm, Vout() not yet saturated
0.15
0.5
0.8
mW/
cm2
Photocurrent Amplifiers
201
Iph()
Permissible Photocurrent
Operating Range
0
280
nA
202
η ()r
Photo Sensitivity
(light-to-voltage conversion ratio)
λ LED = 740 nm
0.8
1.2
2.0
V/µW
203
Z()
Equivalent Transimpedance Gain Z = Vout() / Iph()
2.69
4.0
5.46
MΩ
204
TCz
Temperature Coefficient of
Transimpedance Gain
-0.12
%/°C
209
∆
Z()pn
Transimpedance Gain Matching
P vs. N path per diff. channel
-0.2
0.2
%
210
∆
Vout()pn Signal Matching
no illumination, any output to any output
-35
35
mV
211
∆
Vout()pn Signal Matching
no illumination, P.. output vs. corresponding N..
output
-2.5
2.5
mV
212
fc()hi
Cut-off Frequency (-3 dB)
120
180
280
kHz
213
VNoise()
RMS Output Noise
illuminated to 500 mV signal level above dark
level, 500 kHz band width
0.5
mV
Signal Outputs
301
Vout()mx
Permissible Maximum Output
Voltage
illumination to E()mxr, linear gain
2.45
2.72
3.02
V
302
Vout()d
Dark Signal Level
no illumination, load 20 kΩ vs. +2 V
600
770
1000
mV
303
Vout()acmx Maximum Signal Level
Vout()acmx = Vout()mx - Vout()d
1.48
1.96
2.35
V
304
Isc()hi
Short-Circuit Current hi
load current to ground
100
420
800
µA
305
Isc()lo
Short-Circuit Current lo
load current to IC
250
480
700
µA
306
Ri()
Internal Output Resistance
f = 1 kHz
70
110
180
Ω
307
ton()
Power-On Settling Time
VCC = 0 V → 5 V
100
µs
Reference Voltage VREF
401
VREF
Reference Voltage
I(VREF) = 0...+1.6 mA
600
770
1000
mV
402
dVout()
Load Balancing
I(VREF) = 0...+1.6 mA
-10
+10
mV
403
Isc()hi
Short-Circuit Current hi
load current to ground
200
420
800
µA
404
Isc()lo
Short-Circuit Current lo
load current to IC
2
4.5
10
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com